Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
SLC NAND FLASH
GD9Fx1GxF2A
53
15. Revision History
Version No.
History Description
Date
1.0
Update parameter page value
Update package FBGA-63 information
2016-6-2
1.1
Change page size from 2K+64 to 2K+128
2016-7-12
1.2
Add CRC value in parameter page
Remove tFEAT parameter
Change Device resetting time for read from 5us to 10us
Change Device resetting time for read from 10us to 20us
Add parameter page CRC value table
2016-11-01
1.3
Add parameter page CRC arithmetic related description
Update CRC table value
Update Package information according Package vendor final file.
2016-11-15
1.4
Update R/B# Resistance figure with Trise and Tfall
Update some figure with RD review.
2016-12-14
1.5
Update Part Numbering Information
Add F code at
field “Temperature Grade” for Full Function Test for Automotive
application and No AECQ
2017-02-27
1.6
Remove last three code from part number
2017-06-26
1.7
Change VOL Max. from 0.1 to 0.4
Change ISB Max. from 30 to 50
Change IOL(R/B#) test condition VOL from 0.4V to 0.45V
Change description with “The addressing must be done in sequential order in a block”
for page program
2017-10-31
1.8
Add a note of P/E cycles with ECC
Delete Commercial Temperature Grade. And add Industrial(J) (-40C ~ 105C)
Temperature Grade
2017-11-14
1.9
Change P/E cycles with ECC from 50k to 100k, and delete note.
Delete Industrial+(F):-40C~85C
2017-11-27
2.0
Change Operating Current Standby (Max.) from 30uA to 50uA
Change VOH min from VCC-0.1 to VCC-0.3V
Change Parameter page table Byte 105-106 ,108-109,and change CRC Value
Change 1.8V tWP and tRP from 12 to 22, Change 1.8V tWH and tREH from 10 to 15
Change tCBSYW and tCBSYR from 3us to 5us
Add the figure for Read Unique ID Timing.
2018-4-4
2.1
Update the tf and tr value in Figure26 :Ready/Busy figures
Modify the typo of reliability of program/erase cycles with ECC in chapter 2
Add part numbers of GD9FU1G6F2AMG and GD9FS1G6F2AMG in chapter2.1
2018-5-2
2.2
Modify the description of Write Protect
Add the chapter of 5.3 Factory Defect Mapping
2018-5-17
2.3
Modify the description of Common Page Program command
Modify the sequence diagram of Cache Program Operation command (figure 19)
2018-9-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com