Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
GD9Fx1GxF2A
10
5. ARRAY ORGANIZATION
Each device has
Each block has
Each page has
1G
128M+8M
128K+8K
2K+128
bytes
1024 x 64
64
-
pages
1024
-
-
blocks
Figure 6: Array Organization figures
5.1 Addressing (X8)
Bus Cycle
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
1
st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
A11
L
L
L
L
3rd Cycle
A12
A13
A14
A15
A16
A17
A18
A19
4th Cycle
A20
A21
A22
A23
A24
A25
A26
A27
A0-A11: column address in the page
A12-A17: page address in the block
A18-A27: block address
5.2 Addressing (X16)
Bus Cycle
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
L
L
L
L
L
3rd Cycle
A11
A12
A13
A14
A15
A16
A17
A18
4th Cycle
A19
A20
A21
A22
A23
A24
A25
A26
A0-A10: column address in the page
A11-A16: page address in the block
A17-A26: block address
2048
128
2048
128
1 block = (2K + 128 bytes) x 64 pages
1 page = (2K + 128 bytes)
Cache Register
Data Register
IO
Per device:
1G: 1024 Blocks
1 device:
For 1G: = (128K +8K) bytes x 1024 blocks
= 1Gb
1 block
= (128K + 8K) bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com