Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
GD9Fx1GxF2A
14
7. BUS OPERATION
There are six standard bus operations that control the device. These are Command Input, Address Input, Data Input, Data
Output, Write Protect, and Standby. Typically glitches less than 5ns on Chip Enable, Write Enable and Read Enable are
ignored by the memory and do not affect bus operations.
CLE
ALE
CE#
WE#
RE#
WP#
MODE
H
L
L
Rising
H
X
Command input for read mode
L
H
L
Rising
H
X
Address input (4 cycles) for read mode
H
L
L
Rising
H
H
Command input for write mode
L
H
L
Rising
H
H
Address input (4 cycles) for write cycle
L
L
L
Rising
H
H
Data input
L
L
L
H
Falling
X
Sequential read and data output
L
L
L
H
H
X
During read(busy)
X
X
X
X
X
H
During program/Erase(busy)
X
X
X
X
X
L
Write protect
X
X
H
X
X
0V / VCC
Standby
Notes:
1. X can be VIL or VIH. H = Logic level HIGH. L = Logic level LOW.
2. WP# should be biased to CMOS high or CMOS low for stand-by mode.
3. WE# and RE# during Read Busy must be keep on high to prevent unplanned command/address/data input or to avert
unintended data out. In this time, only Reset and Read Status can be input to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com