Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9FS1G6F2AMG Datasheet(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD9FS1G6F2AMG
Description  Single level cell technology
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD9FS1G6F2AMG Datasheet(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD9FS1G6F2AMG Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD9FS1G6F2AMG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
GD9Fx1GxF2A
26
8.3 Block Erase Operation (60H-D0H)
The Erase operation is done on a block basis. Block address loading is accomplished in two cycles initiated by an Erase
Setup command (60H). Only address Row Address is valid while Column Addresses ignored. The Erase Confirm
command (D0H) following the block address loading initiates the internal erasing process. At the rising edge of WE after
the erase confirm command input, the internal write controller handles erase and erase verify. Once the erase process
starts, the Read Status Register command may be entered to read the status register. The system controller can detect
the completion of an erase by monitoring the R/B output, or the Status bit (I/O 6) of the Status Register. Only the Read
Status command and Reset command are valid while erasing is in progress. When the erase operation is completed, the
Write Status Bit (I/O 0) may be checked.
60H
Address
(2cycle)
D0H
70H
Status
tBERS
R/B#
I/Ox
Row Add 1.2
Figure 22: Common Block Erase Operation figures
8.4 Reset (FFH)
The device offers a reset feature, executed by writing FFH to the command register. When the device is in busy state
during random read, program or erase mode, the reset operation will abort these operations. The contents of memory cells
being altered are no longer valid, as the data will be partially programmed or erased. The command register is cleared to
wait for the next command, and the Status Register is cleared to value C0h when R/B# is high. If the device is already in
reset state a new reset command will be accepted by the command register. The R/B# pin transitions to low for tRST after
the Reset command is written.
FFH
tRST
tWB
CE#
CLE
WE#
I/Ox
R/B#
Figure 23: Reset (FFH) figures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com