Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 30 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 30 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 32Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
30 / 32
APPENDIX A. Enhanced Extended Display Identification Data (EEDIDTM)
1/3
Byte
(Dec)
Byte
(Hex)
Field Name and Comments
Value
(Hex)
Value
(Bin)
0
00
Header
00
00000000
1
01
Header
FF
11111111
2
02
Header
FF
11111111
3
03
Header
FF
11111111
4
04
Header
FF
11111111
5
05
Header
FF
11111111
6
06
Header
FF
11111111
7
07
Header
00
00000000
8
08
EISA manufacture code ( 3 Character ID )
LGD
30
00110000
9
09
EISA manufacture code (Compressed ASCⅡ)
E4
11100100
10
0A
Panel Supplier Reserved - Product Code
02E9h
E9
11101001
11
0B
( Hex. LSB first )
02
00000010
12
0C
LCD Module Serial No - Preferred but Optional ("0" If not used)
00
00000000
13
0D
LCD Module Serial No - Preferred but Optional ("0" If not used)
00
00000000
14
0E
LCD Module Serial No - Preferred but Optional ("0" If not used)
00
00000000
15
0F
LCD Module Serial No - Preferred but Optional ("0" If not used)
00
00000000
16
10
Week of Manufacture
00 weeks
00
00000000
17
11
Year of Manufacture
2010 years
14
00010100
18
12
EDID structure version # = 1
01
00000001
19
13
EDID revision # = 3
03
00000011
20
14
Video input Definition = Digital signal
80
10000000
21
15
Max H image size (Rounded cm) = 31 cm
1F
00011111
22
16
Max V image size (Rounded cm) = 17 cm
11
00010001
23
17
Display gamma = (gamma*100)-100 = Example:(2.2*100)-100=120 = 2.2 Gamma
78
01111000
24
18
Feature Support (no_DPMS, no_Active Off/Very Low Power, RGB color display, Timing BLK 1,no_ GTF)
0A
00001010
25
19
Red/Green Low Bits (RxRy/GxGy)
AA
10101010
26
1A
Blue/White Low Bits (BxBy/WxWy)
B5
10110101
27
1B
Red X
Rx = 0.584
95
10010101
28
1C
Red Y
Ry = 0.346
58
01011000
29
1D
Green X
Gx = 0.338
56
01010110
30
1E
Green Y
Gy = 0.553
8D
10001101
31
1F
Blue X
Bx = 0.158
28
00101000
32
20
Blue Y
By = 0.124
1F
00011111
33
21
White X
Wx = 0.313
50
01010000
34
22
White Y
Wy = 0.329
54
01010100
35
23
Established timing 1 (00h if not used)
00
00000000
36
24
Established timing 2 (00h if not used)
00
00000000
37
25
Manufacturer's timings (00h if not used)
00
00000000
38
26
Standard timing ID1 (01h if not used)
01
00000001
39
27
Standard timing ID1 (01h if not used)
01
00000001
40
28
Standard timing ID2 (01h if not used)
01
00000001
41
29
Standard timing ID2 (01h if not used)
01
00000001
42
2A
Standard timing ID3 (01h if not used)
01
00000001
43
2B
Standard timing ID3 (01h if not used)
01
00000001
44
2C
Standard timing ID4 (01h if not used)
01
00000001
45
2D
Standard timing ID4 (01h if not used)
01
00000001
46
2E
Standard timing ID5 (01h if not used)
01
00000001
47
2F
Standard timing ID5 (01h if not used)
01
00000001
48
30
Standard timing ID6 (01h if not used)
01
00000001
49
31
Standard timing ID6 (01h if not used)
01
00000001
50
32
Standard timing ID7 (01h if not used)
01
00000001
51
33
Standard timing ID7 (01h if not used)
01
00000001
52
34
Standard timing ID8 (01h if not used)
01
00000001
53
35
Standard timing ID8 (01h if not used)
01
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com