Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
8 / 32
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
This LCD employs two interface connections, a 40 pin connector used for the module electronics interface and
the other connector used for the integral backlight system.
Pin
Symbol
Description
Notes
1
NC
No Connection
[Interface Chip]
1. LCD :
SiW, SW0617(LCD Controller)
Including LVDS Receiver.
2. System : SiW LVDSRx or equivalent
* Pin to Pin compatible with LVDS
[Connector]
UJU IS050-L40B-C10
LSMtron GT05Q-40S-H10
[Mating Connector]
20453-040T-0# series or equivalent
[Connector pin arrangement]
2
VCC
LCD Logic and driver power (3.3V Typ.)
3
VCC
LCD Logic and driver power (3.3V Typ.)
4
V EEDID
DDC Power (3.3V)
5
Bist
LCD Panel Self Test Enable
6
Clk EEDID
DDC Clock
7
DATA EEDID
DDC Data
8
ORX0-
Negative LVDS differential data input
9
ORX0+
Positive LVDS differential data input
10
GND
LCM Ground
11
ORX1-
Negative LVDS differential data input
12
ORX1+
Positive LVDS differential data input
13
GND
LCM Ground
14
ORX2-
Negative LVDS differential data input
15
ORX2+
Positive LVDS differential data input
16
GND
LCM Ground
17
ORXC-
Negative LVDS differential clock input
18
ORXC+
Positive LVDS differential clock input
19
GND
LCM Ground
20
NC
No Connection
21
NC
No Connection
19
GND
LCM Ground
23
NC
No Connection
24
NC
No Connection
19
GND
LCM Ground
26
NC
No Connection
27
NC
No Connection
19
GND
LCM Ground
29
NC
No Connection
30
NC
No Connection
31
GND
LCM Ground (LED Backlight Ground)
32
GND
LCM Ground (LED Backlight Ground)
33
GND
LCM Ground (LED Backlight Ground)
34
NC
No Connection
35
PWM
System PWM Signal input for dimming
36
LED_EN
LED Backlight On/Off
37
NC
No Connection
38
VLED
LED Backlight Power (7V-21V)
39
VLED
LED Backlight Power (7V-21V)
40
VLED
LED Backlight Power (7V-21V)
1
40
[LCD Module Rear View]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com