Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
6 / 32
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2. ELECTRICAL CHARACTERISTICS
The LP140WH4 requires two power inputs. The first logic is employed to power the LCD electronics and to
drive the TFT array and liquid crystal. The second backlight is the input about LED BL.with LED Driver.
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LOGIC :
Power Supply Input Voltage
VCC
3.0
3.3
3.6
V
1
Power Supply Input Current
Mosaic
ICC
-
300
345
mA
2
Power Consumption
PCC
-
1.0
1.2
W
2
Power Supply Inrush Current
ICC_P
-
-
1500
mA
3
LVDS Impedance
ZLVDS
90
100
110
Ω
4
BACKLIGHT : ( with LED Driver)
LED Power Input Voltage
VLED
7.0
12.0
21.0
V
5
LED Power Input Current
ILED
-
225
245
mA
6
LED Power Consumption
PLED
-
2.7
2.9
W
6
LED Power Inrush Current
ILED_P
-
-
1500
mA
7
PWM Duty Ratio
1
-
100
%
8
PWM Jitter
-
0
-
0.2
%
9
PWM Impedance
ZPWM
20
40
60
k
Ω
PWM Frequency
FPWM
150
-
1000
Hz
10
PWM High Level Voltage
V
PWM_H
2.2
-
5.3
V
PWM Low Level Voltage
V
PWM_L
0
-
0.3
V
LED_EN Impedance
ZPWM
20
40
60
k
Ω
LED_EN High Voltage
VLED_EN_H
2.2
-
5.3
V
LED_EN Low Voltage
VLED_EN_L
0
-
0.3
V
Life Time
12,000
-
-
Hrs
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com