Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 11 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 11 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
11 / 32
Table 4. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of LVDS Tx/Rx for its proper operation.
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Data Enable, Hsync, Vsync
Hsync
Data Enable
Vsync
Data Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA
tCLK
0.5 Vcc
DCLK
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
f
CLK
-
70.0
-
MHz
Hsync
Period
t
HP
1462
1492
1536
tCLK
Width
t
WH
32
48
62
Width-Active
t
WHA
1366
1366
1366
Vsync
Period
t
VP
776
782
792
tHP
Width
t
WV
2
5
8
Width-Active
t
WVA
768
768
768
Data
Enable
Horizontal back porch
t
HBP
34
42
60
tCLK
Horizontal front porch
t
HFP
32
36
40
Vertical back porch
t
VBP
4
6
12
tHP
Vertical front porch
t
VFP
2
3
4
Appendix) All reliabilities are specified for timing specification based on refresh rate of 60 Hz.
Even though actual performance in 50Hz and 40Hz for low power is displayed normally,
remark and inform to user that display quality in 40 Hz and 50 Hz is out of guarantee range.
3-4. Signal Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com