Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 27 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 27 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 31Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
27 / 32
27 / 32
8-3. Label Description
Model Name
Model Name
LGD Code
1)Lenovo P/N : 93P5726
2)FRU P/N : 93P5727
Lenovo Code
(1) Model Name : L P 1 4 0 W H 4 -
T L A 1
Revision Code
Product Type
Display Mode
Basic Model Serial No.
Resolution : HD
Size (inch) : 14.0”
Application : NBPC
LGD Brand Initial: L
Lot Mark
LGD CODE
Lenovo CODE
(2) Lot Mark
: 1 4 0 0
9 C 0 0 0 0 0 0 1
SERIAL NO.
MONTH
YEAR
SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com