Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP140WH4 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP140WH4
Description  14.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WH4 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP140WH4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WH4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Product Specification
LP140WH4
Liquid Crystal Display
Ver. 1.1
Dec. 17, 2010
13 / 32
3-7. Power Sequence
Note)
1. Do not insert the mating cable when system turn on.
2. Valid Data have to meet “3-3. LVDS Signal Timing Specifications”
3. LVDS, LED_EN and PWM need to be on pull-down condition on invalid status.
4. LGD recommend the rising sequence of VLED after the Vcc and valid status of LVDS turn on.
Table 6. POWER SEQUENCE TABLE
LED
Parameter
Value
Units
Min.
Typ.
Max.
T
8
0
-
-
ms
T
9
0
-
-
ms
T
10
0
-
-
ms
T
11
0
-
-
ms
T
12
0.5
-
-
ms
T
13
0
-
-
ms
Logic
Parameter
Value
Units
Min.
Typ.
Max.
T
1
0.5
-
10
ms
T
2
0
-
50
ms
T
3
0
-
-
ms
T
4
150
-
-
ms
T
5
200
-
-
ms
T
6
0
-
-
ms
T
7
0
-
10
ms
T
7
Interface Signal, V
i
LVDS
Power Supply Input
VCC
90%
10%
10%
0V
90%
T
1
T
2
T
3
T
4
T
5
T
6
0V
LED BL
Dimming Control Signal
PWM
0V (Low)
T
8
LED Driver Input Voltage
VLED
T
10
LED BL
On/Off Control Signal
LED_EN
T
11
T
9
Valid Data
0V
Valid Data
0V (Off)
90%
10%
T
12
90%
3.0V
3.0V
10%
T
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com