Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 1 Page - STMicroelectronics

  M95640-RMB3TP Datasheet HTML 1Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 2Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 3Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 4Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 5Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 6Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 7Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 8Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
May 2005
M95320 M95320-W M95320-R M95320-S
M95640 M95640-W M95640-R M95640-S
32Kbit and 64Kbit Serial SPI Bus EEPROMs
With High Speed Clock
FEATURES SUMMARY
■
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
■
Single Supply Voltage:
–
4.5 to 5.5V for M95320 and M95640
–
2.5 to 5.5V for M95320-W and M95320-W
–
1.8 to 5.5V for M95320-R and M95640-R
–
1.65 to 5.5V for M95320-S and M95640-S
■
20MHz, 10MHz, 5MHz or 2MHz clock rates
■
5ms or 10ms Write Time
■
Status Register
■
Hardware Protection of the Status Register
■
BYTE and PAGE WRITE (up to 32 Bytes)
■
Self-Timed Programming Cycle
■
Adjustable Size Read-Only EEPROM Area
■
Enhanced ESD Protection
■
More than 100000 or 1 million Erase/Write
Cycles (depending on ordering options)
■
More than 40-Year Data Retention
Table 1. Product List
Figure 1. Packages
Reference
Part Number
M95320
M95320
M95320-W
M95320-R
M95320-S
M95640
M95640
M95640-W
M95640-R
M95640-S
8
1
8
1
PDIP8 (BN)
0.25 mm frame
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
MLP8 (MB)
2x3 mm


Similar Part No. - M95640-RMB3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95640-RMB3TP/B STMICROELECTRONICS-M95640-RMB3TP/B Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
M95640-RMB3TP/P STMICROELECTRONICS-M95640-RMB3TP/P Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
More results

Similar Description - M95640-RMB3TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
394Kb / 26P
64Kbit and 32Kbit Serial I²C Bus EEPROM
05-Jan-2005
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
M95320 STMICROELECTRONICS-M95320 Datasheet
353Kb / 44P
32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
07-Jul-2006
M95320 STMICROELECTRONICS-M95320_08 Datasheet
398Kb / 46P
32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock
23-Jun-2008
M95320 STMICROELECTRONICS-M95320_09 Datasheet
388Kb / 44P
32 Kbit serial SPI bus EEPROMs with high-speed clock
07-Dec-2009
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
32Kbit and 64Kbit Serial IC bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com