Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95640-RMB3TP Datasheet HTML 25Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 26Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 27Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 28Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 29Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 30Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 31Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 32Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29/42
M95640, M95320
Table 23. AC Characteristics (M95320 and M95640, Device Grade 3)
Note: 1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
2. Value guaranteed by characterization, not 100% tested in production.
3. Previous product version is identified by Process Identification letter ‘S’.
4. Current product version is identified by Process Identification letter ‘B’.
5. New product version is identified by Process Identification letter ‘P’.
6. Preliminary Data.
Test conditions specified in Table 14. and Table 10.
Symbol
Alt.
Parameter
Previous
Product
Version 3
Current
Product
Version4
New
Product
Version5,6
Unit
Min.
Max.
Min.
Max.
Min.
Max.
fC
fSCK
Clock Frequency
D.C.
2
D.C.
5
D.C.
20
MHz
tSLCH
tCSS1
S Active Setup Time
200
90
15
ns
tSHCH
tCSS2
S Not Active Setup Time
200
90
15
ns
tSHSL
tCS
S Deselect Time
200
100
20
ns
tCHSH
tCSH
S Active Hold Time
200
90
15
ns
tCHSL
S Not Active Hold Time
200
90
15
ns
tCH
1
tCLH
Clock High Time
200
90
20
ns
tCL
1
tCLL
Clock Low Time
200
90
20
ns
tCLCH
2
tRC
Clock Rise Time
1
1
2
µs
tCHCL
2
tFC
Clock Fall Time
1
1
2
µs
tDVCH
tDSU
Data In Setup Time
40
20
5
ns
tCHDX
tDH
Data In Hold Time
50
30
10
ns
tHHCH
Clock Low Hold Time after HOLD not Active
140
70
15
ns
tHLCH
Clock Low Hold Time after HOLD Active
90
40
15
ns
tCLHL
Clock Low Set-up Time before HOLD Active
0
0
0
ns
tCLHH
Clock Low Set-up Time before HOLD not
Active
00
0
ns
tSHQZ
2
tDIS
Output Disable Time
250
100
20
ns
tCLQV
tV
Clock Low to Output Valid
150
60
20
ns
tCLQX
tHO
Output Hold Time
0
0
0
ns
tQLQH
2
tRO
Output Rise Time
100
50
20
ns
tQHQL
2
tFO
Output Fall Time
100
50
20
ns
tHHQV
tLZ
HOLD High to Output Valid
100
50
20
ns
tHLQZ
2
tHZ
HOLD Low to Output High-Z
250
100
20
ns
tW
tWC
Write Time
10
5
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com