Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 19 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M95640-RMB3TP Datasheet HTML 15Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 16Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 17Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 18Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 19Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 20Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 21Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 22Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19/42
M95640, M95320
Write to Memory Array (WRITE)
As shown in Figure 13., to send this instruction to
the device, Chip Select (S) is first driven Low. The
bits of the instruction byte, address byte, and at
least one data byte are then shifted in, on Serial
Data Input (D).
The instruction is terminated by driving Chip Se-
lect (S) High at a byte boundary of the input data.
In the case of Figure 13., this occurs after the
eighth bit of the data byte has been latched in, in-
dicating that the instruction is being used to write
a single byte. The self-timed Write cycle starts,
and continues for a period tWC (as specified in Ta-
ble 22. to Table 26.), at the end of which the Write
in Progress (WIP) bit is reset to 0.
If, though, Chip Select (S) continues to be driven
Low, as shown in Figure 14., the next byte of input
data is shifted in, so that more than a single byte,
starting from the given address towards the end of
the same page, can be written in a single internal
Write cycle.
Each time a new data byte is shifted in, the least
significant bits of the internal address counter are
incremented. If the number of data bytes sent to
the device exceeds the page boundary, the inter-
nal address counter rolls over to the beginning of
the page, and the previous data there are overwrit-
ten with the incoming data. (The page size of
these devices is 32 bytes).
The instruction is not accepted, and is not execut-
ed, under the following conditions:
–
if the Write Enable Latch (WEL) bit has not
been set to 1 (by executing a Write Enable
instruction just before)
–
if a Write cycle is already in progress
–
if the device has not been deselected, by Chip
Select (S) being driven High, at a byte
boundary (after the eighth bit, b0, of the last
data byte that has been latched in)
–
if the addressed page is in the region
protected by the Block Protect (BP1 and BP0)
bits.
Figure 13. Byte Write (WRITE) Sequence
Note: Depending on the memory size, as shown in Table 8., the most significant address bits are Don’t Care.
C
D
AI01795D
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
High Impedance
Instruction
16-Bit Address
0
765432
0
1
Data Byte
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com