Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M95640-RMB3TP Datasheet HTML 22Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 23Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 24Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 25Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 26Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 27Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 28Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 29Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
M95640, M95320
26/42
Table 18. DC Characteristics (M95320-W and M95640-W, Device Grade 6)
Note: 1. Previous product version is identified by Process Identification letter ‘S’.
2. Current product version is identified by Process Identification letter ‘V’’.
3. New product version is identified by Process Identification letter ‘P’.
4. Preliminary data.
Table 19. DC Characteristics (M95320-W and M95640-W, Device Grade 3)
Note: 1. Current product version is identified by Process Identification letter ‘B’.
2. New product version is identified by Process Identification letter ‘P’.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 2MHz,
VCC = 2.5V, Q = open, Previous Product
1
2mA
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 2.5V, Q = open, Current Product
2
3mA
C=0.1VCC/0.9VCC at 10MHz,
VCC = 2.5V, Q = open, New Product
3,4
5
mA
ICC1
Supply Current
(Standby)
S = VCC, VCC = 2.5V,
VIN = VSS or VCC, Previous Product
1
2µA
S = VCC, VCC = 2.5V
VIN = VSS or VCC, Current Product
2
1µA
S = VCC, VCC = 2.5V
VIN = VSS or VCC, New Product
3,4
1
µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.5mA, VCC = 2.5V
0.4
V
VOH
Output High Voltage
IOH = –0.4mA, VCC = 2.5V
0.8 VCC
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply Current
C = 0.1VCC/0.9VCC at 5MHz,
VCC = 2.5V, Q = open, Current Product
1
3mA
C= 0.1VCC/0.9VCC at 10MHz,
VCC = 2.5V, Q = open, New Product
2
6mA
ICC1
Supply Current (Standby)
S = VCC, VCC = 2.5V, VIN = VSS or VCC
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 1.5mA, VCC = 2.5V
0.4
V
VOH
Output High Voltage
IOH = –0.4mA, VCC = 2.5V
0.8 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com