Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 5 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 5 Page - STMicroelectronics

  M95640-RMB3TP Datasheet HTML 1Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 2Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 3Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 4Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 5Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 6Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 7Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 8Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5/42
M95640, M95320
SUMMARY DESCRIPTION
These electrically erasable programmable memo-
ry (EEPROM) devices are accessed by a high
speed SPI-compatible bus.
The
M95320,
M95320-W,
M95320-R
and
M95320-S are 32Kbit devices organized as 4096
x 8 bits. The M95640, M95640-W, M95640-R and
M95640-S are 64Kbit devices organized as 8192
x 8 bits.
The device is accessed by a simple serial interface
that is SPI-compatible. The bus signals are C, D
and Q, as shown in Table 3. and Figure 2..
The device is selected when Chip Select (S) is tak-
en Low. Communications with the device can be
interrupted using Hold (HOLD).
The devices are available in three different ver-
sions identified by a specific marking (see Table
2.).
Table 2. How to Identify Previous, Current and New Products by the Process Identification Letter
Note: 1. For further information, please ask your ST Sales Office for Process Change Notices.
Figure 2. Logic Diagram
Figure 3. 8 Pin Package Connections
Note: 1. See PACKAGE MECHANICAL section for package di-
mensions and how to identify pin-1.
2. NC, Not Connected.
Table 3. Signal Names
Devices Root Part Numbers
Markings on
Previous
Products1
Markings on
Current
Products1
Markings on
New
Products1
M95320, M95640, M95320-W, M95640-W
Device Grade 6
xxxxS
xxxxV
xxxxP
M95320, M95640, M95320-W, M95640-W Device Grade 3
xxxxS
xxxxB
xxxxP
M95320-R, M95640-R
-
-
xxxxP
M95320-S, M95640-S
-
-
xxxxP
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
C
Serial Clock
D
Serial data Input
Q
Serial data Output
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com