Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TP Datasheet(PDF) 17 Page - STMicroelectronics

Part # M95640-RMB3TP
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95640-RMB3TP Datasheet HTML 13Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 14Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 15Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 16Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 17Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 18Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 19Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 20Page - STMicroelectronics M95640-RMB3TP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17/42
M95640, M95320
(BP1, BP0) bits of the Status Register, are
also hardware protected against data
modification.
Regardless of the order of the two events, the
Hardware Protected Mode (HPM) can be entered:
–
by setting the Status Register Write Disable
(SRWD) bit after driving Write Protect (W) Low
–
or by driving Write Protect (W) Low after
setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected Mode
(HPM) once entered is to pull Write Protect (W)
High.
If Write Protect (W) is permanently tied High, the
Hardware Protected Mode (HPM) can never be
activated, and only the Software Protected Mode
(SPM), using the Block Protect (BP1, BP0) bits of
the Status Register, can be used.
Table 8. Address Range Bits
Note: b15 to b13 are Don’t Care on the 64 Kbit devices.
b15 to b12 are Don’t Care on the 32 Kbit devices.
Figure 11. Write Status Register (WRSR) Sequence
Device
32 Kbit
Devices
64 Kbit
Devices
Address Bits
A12-A0
A11-A0
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com