Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 39 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 39 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 33Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 34Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 35Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 36Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 37Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 38Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 39Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 40Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 41Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
38
(5) Electrostatic Discharge (ESD)
● This LED is sensitive to transient excessive voltages (e.g. ESD, lightning surge). If this excessive voltage occurs in the circuit, it
may cause the LED to be damaged causing issues (e.g. the LED to become dimmer or not to illuminate [i.e. catastrophic failure]).
Ensure that when handling the LEDs, necessary measures are taken to protect them from an ESD discharge. The following
examples are recommended measures to eliminate the charge:
- Grounded wrist strap, ESD footwear, clothes, and floors
- Grounded workstation equipment and tools
- ESD table/shelf mat made of conductive materials
● Ensure that all necessary measures are taken to prevent the LEDs from being exposed to transient excessive voltages (e.g. ESD,
lightning surge):
- tools (e.g. soldering irons), jigs, and machines that are used are properly grounded
- appropriate ESD materials/equipment are used in the work area
- the system/assembly is designed to provide ESD protection for the LEDs.
● If the tool/equipment used is an insulator (e.g. glass cover, plastic, etc.), ensure that necessary measures have been taken to
protect the LED from transient excessive voltages (e.g. ESD). The following examples are recommended measures to eliminate
the charge:
- Dissipating static charge with conductive materials
- Preventing charge generation with moisture
- Neutralizing the charge with ionizers
● To detect if an LED was damaged by transient excess voltages (i.e. an ESD event during the system’s assembly process), perform
a characteristics inspection (e.g. forward voltage measurement, light-
up test) at low current (≤1mA).
● Failure Criteria: V
F<2.0V at IF=0.5mA
If the LED is damaged by transient excess voltages (e.g. ESD), it will cause:
- the Forward Voltage (VF) to decrease
- the LED not to illuminate at a low current
(6) Thermal Management
● The Absolute Maximum Junction Temperature (T
J) must not be exceeded under any circumstances. The increase in the
temperature of an LED while in operation may vary depending on the PCB thermal resistance and the density of LEDs on the PCB
assembly. Ensure that when using the LEDs for the chosen application, heat is not concentrated in an area and properly managed
in the system/assembly.
● The operating current should be determined by considering the temperature conditions surrounding the LED (i.e. T
A). Ensure that
when operating the LED, proper measures are taken to dissipate the heat.
● The following equations can be used to calculate the LED temperature (i.e. T
J) once the saturation temperature at the junction has
been reached.
1) TJ=TA+RθJA・W
2) TJ=TS+RθJS・W
*TJ=LED Junction Temperature: °C
TA=Ambient Temperature: °C
TS=Soldering Temperature (Cathode Side): °C
RθJA=Thermal Resistance from Junction to Ambient: °C/W
RθJS=Thermal Resistance from Junction to TS Measurement Point: °C/W
W=Input Power(IF×VF): W
TS Measurement Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com