Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 10Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 11Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 12Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 13Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 14Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 15Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 16Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 17Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 18Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
13
TAPE AND REEL DIMENSIONS
Reel Size: 4000pcs
数量
1 ー
4000個入
す
*
Nxxx757x
ー 部/ ーダ部 Trailer and Leader
Top Cover Tape
引
し方向
LED装着部
ーダ部最小400mm
ー 部最小160mm 空部
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エン
キャ
ープ
Embossed Carrier Tape
ップカ
ー ープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引
し部最小100mm 空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品 ーピン
準し います
(単位 Unit: mm)
ー
部 Reel
ーピン 部 Tape
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業中断
エン
キャ
ープ
ー
巻 取 場合
エン
キャ
ープ 強く(10N
)締
い
さい
LED
カ
ー ープ 貼 付く可能性あ ます
11.4
±1
-0
9
+1
f 13
±0.2
f 2
1 ±0
.8
Label
180
+0
-3
-0
Φ1.5+0.1
4
±0.1
4
±0.1
2
±0.05
3.18
±0.1
0.2
±0.05
0.95
±0.1
Cathode Mark
-0
Φ1+0.2
(0.02
ー部)
(0.02 Crossbar Recess)
STS-DA7-15044
管理番号 No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com