Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 25 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 25 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 21Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 22Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 23Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 24Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 25Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 26Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 27Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 28Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 29Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
24
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NFSW757H
管理番号 No. STS-DA7-15035A
2.0
2.5
3.0
3.5
4.0
-60
-30
0
30
60
90
120
150
TaVf
0.6
0.8
1.0
1.2
1.4
-60
-30
0
30
60
90
120
150
TaIv
0
50
100
150
200
250
300
2.0
2.5
3.0
3.5
4.0
VfIf
65
240
ャン
ョン温度-相対
束特性
Junction Temperature vs
Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
IfIv
電流-相対
束特性
Forward Current vs
Relative Luminous Flux
電流
Forward Current(mA)
電圧-
電流特性
Forward Voltage vs
Forward Current
ャン
ョン温度-
電圧特性
Junction Temperature vs
Forward Voltage
電圧
Forward Voltage(V)
ャンョン温度
Junction Temperature(°C)
ャンョン温度
Junction Temperature(°C)
* 本特性参考す
All characteristics shown are for reference only and are not guaranteed.
T
J =25°C
T
J =25°C
I
FP=65mA
I
FP=65mA
*
駆動測定しいます
The following graphs show the characteristics measured in pulse mode.
* 本特性は色温度2000K~4500K
演色性ランクR8000に対応し います
The graphs above show the characteristics for 2000K~4500K, R8000 LEDs of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com