Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 7Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 8Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 9Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 10Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 11Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 12Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 13Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 14Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
10
OUTLINE DIMENSIONS
管理番号 No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品
RoHS指
適合し
ます
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
STS-DA7-15043
NFSW757H
The dimension(s) in parentheses are for reference purposes.
括弧 囲ま
寸法参考値 す
*
保護素子
Protection Device
K
A
Dimensions do not include mold flash.
寸法 含ま い
します
*
The side with the larger distance is the cathode.
Example: a>b, then a is the side that has the cathode.
a>b
場合 a
カソー 側 す
*
目 Item
ッ ー 材質
Package Materials
封樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容 Description
耐熱性
ー
Heat-Resistant Polymer
ーン樹脂
散
+蛍体入
Silicone Resin
(with diffuser and phosphor)
銅合金+銀メッキ
Ag-plated Copper Alloy
0.020g(TYP)
0.8
Cathode Mark
3
2.6
学的中心位置
Location of the optical center
a
(Cathode)
b
(Anode)
1.42
Cathode
Anode
0.48
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com