Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NFSW757HT Datasheet HTML 2Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 3Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 4Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 5Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 6Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 7Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 8Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 9Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
5
Rank
sm6550a
Rank
sm6550b
Rank
sm6550c
Rank
sm6550d
Rank
sm6550e
Rank
sm6550f
Color Temperature
(Unit: K)
TCP
6500
Center Point
x
0.3123
y
0.3282
Minor Axis
a
0.004515
Major Axis
b
0.010935
Ellipse Rotation Angle
Φ
-32.35
* Ranking at TJ=25°C and measured in pulse mode.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Color Rendering Index Ra Tolerance: ±1.5
* Color Rendering Index R9 Tolerance: ±3
* The R9 value for the above rank shall be greater than 0.
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.
Definition of the MacAdam ellipse ranks:
60
°
Φ
a
b
A perfect circle is divided
into 60 degree-sections
and then transformed
into the MacAdam ellipse
that is presented
on the chromaticity diagram
in this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com