Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSW757HT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSW757HT
Description  WHITE LED
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW757HT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSW757HT Datasheet HTML 1Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 2Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 3Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 4Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 5Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 6Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 7Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 8Page - NICHIA CORPORATION NFSW757HT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
NICHIA STS-DA1-5625 <Cat.No.190328>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
180
mA
Pulse Forward Current
IFP
240
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
558
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
120
°C
* Absolute Maximum Ratings at TJ=25°C.
* IFP
conditions with pulse width ≤10ms and duty cycle ≤10%.
* For IF and IFP, see the "DERATING CHARACTERISTICS" of this specification.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=65mA
2.85
-
V
R70
Luminous Flux
(Chromaticity Coordinate1)
Φ
v
IF=65mA
37.4
-
lm
R8000
IF=65mA
35.4
-
R9050
IF=65mA
29.5
-
Chromaticity Coordinate1
x
-
IF=65mA
0.4338
-
-
y
IF=65mA
0.4030
-
R70
Luminous Flux
(Chromaticity Coordinate2)
Φ
v
IF=65mA
39.2
-
lm
R8000
IF=65mA
37.5
-
R9050
IF=65mA
32.3
-
Chromaticity Coordinate2
x
-
IF=65mA
0.3447
-
-
y
IF=65mA
0.3553
-
Thermal Resistance
RθJS
-
13
19
°C/W
* Characteristics at TJ=25°C and measured in pulse mode.
* Optical Characteristics as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is measured using the Dynamic Mode detailed in JESD51-1.
* RθJS is the thermal resistance from the junction to the TS measurement point. Test board: FR4 board thickness=1.6mm, copper
layer thickness=0.07mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com