Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 16 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 12Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 13Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 14Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 15Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 16Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 17Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 18Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 19Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
16
November 12, 2018
8. Theory of Operation
The P9225-R is a highly-integrated, wireless power receiver targeted for 5W applications supporting both WPC and PMA standards. The device
integrates a full-wave synchronous rectifier, low-dropout (LDO) linear regulator, and a 32-bit ARM®-based M0 processor to manage all of the
digital control required to comply with the WPC-1.2.4 and PMA communication protocols. Using the near-field inductive power transfer, the
receiver converts the AC signal to DC voltage using the integrated synchronous rectifier. The capacitor connected to the output of the rectifier
smooths the full-wave rectified voltage into a DC voltage. After the internal biasing circuit is enabled, the “Synchronous Rectifier Control” block
operates the switches of the rectifier in various modes to maintain reliable connections and optimal efficiency.
The rectifier voltage and the output current are sampled periodically and digitized by the analog-to-digital converter (ADC). The digital
equivalents of the voltage and current are supplied to the internal control logic, which determines whether the loading conditions on the VRECT
pin indicate that a change in the operating point is required. If the load is heavy enough and brings the voltage at VRECT below its target, the
transmitter is instructed to increase the transmit power. If the voltage at VRECT is higher than its target, the transmitter is instructed to lower
the transmit power. The P9225-R will modulate the load or coil voltage to send the instructions to the transmitter in WPC Mode. To maximize
efficiency, the voltage at VRECT is programmed to decrease as the LDO’s load current increases. The internal temperature is continuously
monitored to ensure proper operation.
In the event that the VRECT voltage increases above 12V, Control Error Packets will be sent to the transmitter in an attempt to bring the rectifier
voltage back to a safe operating voltage level while simultaneously clamping the incoming energy using the open-drain SINK pin for VRECT
linear clamping. The clamp is released when the VRECT voltage falls below VOVP-DC minus VOVP-HYS (see Table 5).
The receiver utilizes IDT’s proprietary voltage clamping scheme, which limits the maximum voltage at the rectifier pin to 12V, reducing the
voltage rating on the output capacitors while eliminating the need for over-voltage protection (OVP) capacitors. As a result, it provides a small
application area, making it an industry-leading wireless power receiver for high power density applications. Combined with the P9038-R
transmitter, the P9225-R is a complete wireless power system solution.
8.1 LDO – Low Dropout Regulators
The P9225-R has three low-dropout linear regulators. The main regulator provides the power required by the battery charger, and the output
voltage can be set in the range of 4.5V to 5.5V. For more information about setting the output voltage, see section 8.2. It is important to connect
a 22µF ceramic capacitance to the OUT pin.
The other two regulators, VDD5V and VDD18, bias the internal circuitry of the receiver. These LDOs must have local 1µF ceramic capacitors
placed as close as possible to the pins.
8.2 Setting the Output Voltage – VOSET
The output voltage on the P9225-R is programmed by connecting the center tap of the external resistors R34 and R33 to the VOSET pin as
shown in the application schematic in Figure 22.
The default output voltage is set to 5V in the P9225-R Evaluation Board provided in the P9225-R Evaluation Kit. Table 6 shows the resistor
combination values for the target output voltage settings.
Table 6.
Setting the Output Voltage
R34
R33
Output Voltage
10kΩ
OPEN
4.5V
10kΩ
49.9kΩ
4.6V
10kΩ
34kΩ
4.7V
10kΩ
20kΩ
4.8V
10kΩ
14.7kΩ
4.9V
OPEN
10kΩ
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com