Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 11 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 7Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 8Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 9Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 10Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 11Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 12Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 13Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 14Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
11
November 12, 2018
Symbol
Description
Conditions
Minimum
Typical
Maximum
Units
tSU:STA
Set-up Time for Repeated
START Condition
0.6
µs
tBUF
Bus-Free Time Between
STOP and START Condition
1.3
µs
CB
Capacitive Load for SCL and
SDA
150
pF
CI
SCL, SDA Input
Capacitance
5
pF
Thermal Shutdown
TSD
Thermal Shutdown
Rising[b]
140
°C
Falling
120
°C
[a] Do not externally load. For internal biasing only.
[b] If the die temperature exceeds 130°C, the Thermal_SHTDN_Status flag is set and an End Power Transfer (EPT) packet is sent (see Table 12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com