Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 22 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 18Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 19Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 20Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 21Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 22Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 23Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 24Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 25Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
22
November 12, 2018
10.2 Ping Phase (Digital Ping)
In the ping phase, the power transmitter will transmit power and will detect the response from a possible power receiver. This response ensures
the power transmitter that it is dealing with a power receiver rather than some unknown object. When a mobile device containing the P9225-R
is placed on a WPC “Qi” charging pad, it responds to the application of a power signal by rectifying this power signal. When the voltage on
VRECT is greater than the UVLO threshold, then the internal bandgaps, reference voltage, and internal voltage regulators (5V and 1.8V) are
turned on, and the microcontroller’s startup is initiated enabling the WPC communication protocol.
If the power transmitter correctly receives a signal strength packet, the power transmitter proceeds to the identification and configuration phase
of the power transfer, maintaining the power signal output.
10.3 Identification and Configuration Phase
The identification and configuration phase is the part of the protocol that the power transmitter executes in order to identify the power receiver
and establish a default power transfer contract. This protocol extends the digital ping in order to enable the power receiver to communicate the
relevant information.
In this phase, the power receiver identifies itself by sending its identification packet and provides information for a default power transfer contract
by sending the configuration packet.
10.4 Power Transfer Phase
In this phase, the P9225-R controls the power transfer by means of the following control data packets:
Control Error Packets
Received Power Packet (RPP, FOD-related)
End Power Transfer (EPT) Packet
Once the identification and configuration phase is completed, the transmitter initiates the power transfer mode. The P9225-R control circuit
measures the rectifier voltage and sends error packets to the transmitter to adjust the rectifier voltage to the level required to maximize the
efficiency of the linear regulator and to send to the transmitter the Received Power Packet for foreign object detection (FOD) to guarantee safe,
efficient power transfer.
In the event of an EPT issued by the application, the P9225-R continuously sends EPT packets until the transmitter removes the power and the
rectified voltage on the receiver side drops below the UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com