Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 32 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 26Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 27Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 28Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 29Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 30Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 31Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 32Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 33Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 34Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
32
November 12, 2018
13.4 Bill of Materials (BOM)
Table 26. P9225-R MM Evaluation Kit V1.0 Bill of Materials
Item
Reference
Quantity
Value
Description
Part Number
PCB Footprint
1
C1, C2, C3
3
220nF/50V
CAP CER 0.22µF 50V X7R 0603
GRM188R71H224KAC4D
0603
2
C5, C6, C7,
C14, C15
5
47nF
CAP CER 0.047µF 50V X7R 0402
GRM155R71H473KE14D
0402
3
C8, C16
2
15nF
CAP CER 0.015µF 50V X7R 0402
GRM155R71H153KA12J
0402
4
C9
1
3.3nF
CAP CER 3300PF 50V X7R 0402
GRM155R71H332KA01D
0402
5
C10
1
22µF
CAP CER 22µF 16V X5R 0805
CL21A226MOCLRNC
0805
6
C18, C20
2
1µF
CAP CER 1µF 10V X5R 0402
GRM155R61A105KE15D
0402
7
C19, C31
2
0.1µF
CAP CER 0.1µF 10V X5R 0201
GRM033R61A104ME15D
0201
8
C21, C22
2
22µF
CAP CER 22µF 25V X5R 0805
CL21A226MAQNNNE
0805
9
C23
1
0.1µF
CAP CER 0.1µF 25V X5R 0201
GRM033R61E104KE14D
0201
10
C25
1
NP
11
D1
1
LED
LED GREEN CLEAR 0603 SMD
150 060 GS7 500 0
0603_diode
12
D8
1
1N4148W
DFN 150mA 75V Sm Sgnl Switching
CDSQR4148
0402
13
J1
1
I2C
HEADER_1X5_0P1PITCH60P42D
68002-205HLF
header_1x5_0p
1Pitch60p42d
14
RTS
1
NP
15
R1
1
5.1k
RES SMD 5.1K OHM 5% 1/16W 0402
MCR01MRTJ512
0402
16
R6, R8,
R13, R14
4
NP
17
R17, R23,
R39, R40
4
10k
RES SMD 10kΩ 5% 1/20W 0201
ERJ-1GEJ103C
0201
18
R19, R22, R27,
R28, R29, R30,
R33
7
10k
RES SMD 10kΩ 1% 1/20W 0201
ERJ-1GEF1002C
0201
19
R18, R34, R38
3
NP
20
U1
1
P9225-R
MP Wireless Power Receiver
P9225-R
csp52_2p64x3p
94_0p4mm
21
U2
1
NP
* NP = not populated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com