Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 30 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 26Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 27Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 28Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 29Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 30Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 31Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 32Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 33Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 34Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
30
November 12, 2018
13.2 Recommended Coils
The following coil is recommended with the P9225-R receiver for 5W applications for optimum performance.
Table 25. Recommended Coil Manufacturers
WPC and PMA Dual Mode Receiver Coil:
Vendor
Part Number
Inductance at 100kHz
DCR at 20°C
Sunlord
SWA50R40H09C01BMDIDD
8.3µH±10%
150mΩ ±20%
Würth Elektronik
760308102207
8µH±10%
70mΩ ±20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com