Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9225-R-EVK Datasheet(PDF) 18 Page - Integrated Device Technology

Part # P9225-R-EVK
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R-EVK Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button P9225-R-EVK Datasheet HTML 14Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 15Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 16Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 17Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 18Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 19Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 20Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 21Page - Integrated Device Technology P9225-R-EVK Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
18
November 12, 2018
8.7 Enable Pin – EN
�����
The P9225-R can be disabled by applying a logic HIGH to the EN pin. When the EN pin is pulled HIGH, the device is in Shut-Down Mode.
Connecting the EN pin to logic LOW activates the device.
8.8 Thermal Protection
The P9225-R integrates thermal shutdown circuitry to prevent damage resulting from excessive thermal stress. The thermal protection will shut
down the receiver if the die temperature exceeds 140°C. If the die temperature exceeds 130°C, the Thermal_SHTDN_Status flag is set and an
End Power Transfer (EPT) packet is sent in order to lower the temperature.
8.9 External Temperature Sensing – TS
The P9225-R has a temperature sensor input, TS, which can be used to monitor an external temperature by using a thermistor. The TS pin
voltage calculation is described by Equation 1.
VTS = VVDD18 ×
NTC
R+NTC
Equation 1
where NTC is the thermistor’s resistance and R is the pull-up resistor connected to the VDD18 pin.
The over–temperature shutdown is triggered when the TS pin voltage is lower than 0.6V.
8.10 End of Charge – EOC
The End-of-Charge (EOC) pin is an active HIGH logic input, which can be used with an application processor or charger IC in battery
management applications. When asserted, the receiver issues an End Power Transfer (EPT) packet to the transmitter terminating power transfer.
8.11 Received Power Packet Offset and Gain Calibration – RPPO and RPPG
The Received Power Packet Offset (RPPO) and Received Power Packet Gain (RPPG) calibrations utilize dedicated pins for tuning foreign
object detection (FOD).
Received Power = Gain
×Power+Offset
Equation 2
Power = Calculated Rx Power with Default Setting (in mW)
Equation 3
Gain = ADCRPPG
1755
where ADCRPPG = INT
�VRPPG
2.1V
×4095�
Equation 4
Offset = ADCRPPO
−1755(inmW)
where ADCRPPO = INT
�VRPPO
2.1V
×4095�
Equation 5
To use the default FOD setting, set Gain to 1 and Offset to 0. That is equivalent to 0.9V at both RPPO and RPPG pins. To disable the FOD,
the RPPO and RPPG pins must be pulled down to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com