Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 2 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 2 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THine Electronics, Inc.
2011/04/14
t=1.6mm
Description
THEVA12LVDR1020 Mode Setting & LVDS-Cable
120mm
120mm
GND
THC63LVD1024
120mm
+12V
GND
RES417
RES419
RES417
RES421
RES423
FI-X30SSL-HF
THC63LVD1023B
RES415
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
RES415
LVDS-Cable Type.
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
SW403
SW404
SW401
SW402
RES415
JAE
JAE
yp
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
SW403
SW404
SW401
SW402
RES415
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
SW403
SW404
SW401
SW402
RES415
Copyright© 2011 THine Electronics Inc
1/5
THEVA12LVDR1020 manual Rev 1 00 E
200mm
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
SW403
SW404
SW401
SW402
RES415
Copyright© 2011 THine Electronics, Inc.
1/5
THEVA12LVDR1020_manual_Rev.1.00_E
THC63LVD1024
120mm
FI-X30SSL-HF
+12V
GND
←Low
←High
RES417
RES419
RES417
RES421
RES423
RES425
RES427
FI-X30SSL-HF
THC63LVD1023B
SW403
SW404
SW401
SW402
RES415



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com