Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 4 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 4 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Clock Delay Timing Select.
IC
Pin#
PinName
SW403 Setting
SW
Pin#
*
Def.
NodeName
THC63LVD1024
Description
* Def. : Default Setting
THEVA12LVDR1020 Mode Setting & LVDS-Cable
THine Electronics, Inc.
2011/04/14
Output Clock Delay Timing Select.
tDOUT=Output Data Cycle
SW-Pin#
12
28
3
-6
tDOUT
28
6
tDOUT
28
H(open)
0
RxDK1
7
Offset[nsec]
LL
HH
HL
MODE[1:0]
7
L
DK
L
H(open)
tDOUT
H(open)
H(open)
L
H(open)
H(open)
L
H(open) H(open)
H
H
1
2
MODE1
MODE0
Mode
Single Link(Single-in/Single-out)
H
H
Single Link(Single-in/Dual-out)
Pixel Data Mode.
MODE1
6
L
4
H
L
28
0
28
H(open)
LH
H(open)
H(open)
L
H(open)
L
-7
tDOUT
L
3
RxMD1DK2
H
Must be tied to VCC.
Single Link(Single in/Dual out)
Dual Link(Dual-in/Single-out)
MODE0
5
Dual Link(Dual-in/Single-out)
L
H
L
5
Reserved
RxMD0RF2
L
RxOE2
7H
L
/PDWN
L
3
Power down and Output Control.
H : Normal operation
L : Power down
6RxPDWN
H4
Ground Pins for LVDS inputs.
LVDS mapping table select.
H : Mapping Mode1
L : Mapping Mode2
* Def. : Default Setting
SW
Pin#
8
1
144
RxTEST
11
MAP
PinName
Description
LLGND
H
*
Def.
NodeName
THC63LVD1024
IC
Pin#
RxMAP
SW404 Setting
DDR function enable.
L : Mapping Mode2
Must be tied to GND
L
H
LH
L
DDR (Double Edge Output) function disable.
DDR (Double Edge Output) function enable.
LL
HL
HH
Mode
MODE2
MODE<1:0>
2L
10
MODE2
RxMD2
Output Enable.
H : Output enable,
L : Output disable
H
6
H
4H
8
Output Clock Triggering Edge Select.
H : Rising edge.
L : Falling edge.
5N/C
OE
R/F
H
39
RxOE1
RxRF1
N/C
6
H
-
Non Connected
8H
N/C
7H
N/C
Copyright© 2011 THine Electronics Inc
3/5
THEVA12LVDR1020 manual Rev 1 00 E
N/C
-
Copyright© 2011 THine Electronics, Inc.
3/5
THEVA12LVDR1020_manual_Rev.1.00_E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com