Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 7 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 7 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1024-1023 LVDS Repeater Rev.3.0MP
Comment
Designator
Description
Package
Manufacturer
Quantity
22uF/25V
C401
Capacitor
SMT3225
1
0.01uF
C402, C405
Capacitor
SMT1608
2
0.1uF_1608
C403, C404, C407, C408
Capacitor
SMT1608
4
1uF
C406
Capacitor
SMT1608
1
0.1uF_back
C409, C414, C415, C416, C417,
C419, C420, C422, C426, C427,
C430, C433, C434, C437, C441,
C442, C443, C444
Capacitor
SMT1608
18
0.1uF
C410, C411, C412, C413, C418,
C421, C423, C424, C425, C428,
C429, C431, C432, C435, C436,
C438, C439, C440
Capacitor
SMT0603
18
CB
CB401, CB402, CB404, CB405,
CB406, CB407, CB409, CB410,
CB411
GRM32EB11A106KC01
SMT3225
murata
9
47uF
CB403, CB408
Capacitor
SMT3225
2
220uF/16V
CC401
T520B157M006ATE045
SMT3528
KEMET
1
AC_adapter_CON
CON401
MJ-179P
DC Jack : Mating Plug 5.5x2.1 Marushin
1
CON80
CON402, CON406
2x40 Pin Header
2.54mm pitch (2x40pin)
2
POWER_CON6
CON403
S 6B-EH
2.5mmpitch 6pin
JST
1
LVDS_CON(JAE 30PIN) CON404, CON405
FI-X30SSL-HF
FI-X30SSL-HF
JAE
2
THV5012
IC401
THV5012
TSSOP16 Pins
THine
1
THC63LVD1024
IC402
THC63LVD1024
LQFP 144pin Exposed PAD
THine
1
THC63LVD1023B
IC403
THC63LVD1023B
LQFP 144pin
THine
1
L
L401, L402, L403, L404, L405,
L406, L407, L409, L410, L411,
L412, L413, L414
MPZ1608B471A
SMT1608
TDK
13
4.7uH
L408
RLF7030T-4R7M3R4
RLF Series
TDK
1
MOSFET-N
Q401
uPA2706
Power HSOP8
NEC
1
27k
R401
Resistance
SMT1608
1
2.7k
R402
Resistance
SMT1608
1
20mOhm
R403
RL1632T-R015-G
SMT3216
Susumu
1
10k
R404
Resistance
SMT1608
1
100Ohm
R405, R406, R407, R408, R411,
R420, R428, R436, R438, R439,
R440, R441
Resistor
SMT1005
12
0Ohm
R409, R410, R412, R413, R414,
R415, R416, R418, R419, R421,
R422, R423, R424, R425, R426,
R427, R429, R430, R431, R432,
R433, R434, R435, R437
Resistor
SMT1005
24
R_CLK
R417
Resistor 33ohm
SMT1005
1
R_CLK_0Ohm
R442, R443
Resistor
SMT1005
2
3.3kohm
R444, R446, R447, R451
Resistance
SMT1608
4
R_VREF_N/C
R445, R450
Resistance
SMT1608
2
R_OPEN_0Ohm
R448
Resistance
SMT1608
1
R_N/C
R449
Resistance
SMT1608
1
RES_ARRAY4_0Ohm
RES401, RES402, RES403,
RES404, RES405, RES406,
RES414, RES415, RES416,
RES418, RES420, RES422,
RES424, RES426, RES428,
RES429, RES430, RES442
Resistor Array
SMT 2010
18
RES_ARRAY4
RES407, RES408, RES409,
RES410, RES411, RES412,
RES413, RES417, RES419,
RES421, RES423, RES425,
RES427, RES431, RES432,
RES433, RES434, RES435
Resistor Array 33ohm
SMT 2010
18
RES_ARRAY4_SW_3.3k
RES436, RES437, RES438,
RES439, RES440, RES441
Resistor Array
SMT 2010
6
DIP-SW-8
SW401, SW402, SW403, SW404
A6S-8104
A6S-8104
omron
4
uPC29M33AT
U401, U402
uPC2933AT-AZ
SC-63
NEC
2
Copyright(c) 2011 THine Electronics, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com