Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 5 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 5 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
THine Electronics, Inc.
2011/04/14
0Ω-Mount
33Ω-Mount
THEVA12LVDR1020 Mode Setting & LVDS-Cable
#Type
Measures Type
Un-Mount
RES417
R417
RES432
RES433
RES434
RES435
THC63LVD1024
LVDS-input
LVDS-output
THC63LVD1023
B
1
TTL-I/O
RES401
RES402
RES403
RES404
RES442
RES405
RES406
RES414
RES415
RES420
RES422
RES424
RES426
RES428
RES429
RES412
RES413
RES419
RES421
RES416
RES418
RES430
R442
RES423
RES425
RES427
RES431
R443
RES407
RES408
RES409
RES410
RES411
RES433
RES413 RES434
RES427
RES410 RES431
RES411 RES432
RES409
RES412
RES417 RES435
TTL-I/O
THC63LVD1023
B
2
LVDS-output
LVDS-input
THC63LVD1024
RES421
RES418 R443
RES406 RES429
RES423
RES408 RES425
RES401 RES420
RES402 RES422
RES407
RES403 RES424
RES404 RES426
RES405 RES428
RES414 RES430
RES415 RES442
RES417 RES435
RES403 RES424
RES404 RES426
RES419
THC63LVD1023B
RES402 RES422
RES418 R443
RES401 RES420
TTL-moniter
R442
3
RES416
THC63LVD1024
LVDS-input
TTL-I/O
THC63LVD1023
B
RES405 RES428
RES415 RES442
R417
RES421
RES407 RES423
RES410 RES431
RES411 RES432
RES408 RES425
RES409 RES427
RES417 RES435
RES412 RES433
RES413 RES434
LVDS-output
3
RES408 RES425
RES409 RES427
RES406 RES429
RES414 RES430
RES403
TTL-I/O
TTL-output
THC63LVD1024
THC63LVD1023
RES415 RES442
R442
RES402 RES422
RES424
RES419 R417
RES421
RES407 RES423
RES418 R443
RES401 RES420
RES416
TTL-input
4
RES410 RES431
RES409 RES427
RES418
RES403
RES406
THC63LVD1024
THC63LVD1023
B
R443
RES417 RES435
RES419 R417
RES416 R442
RES421
RES405 RES428
RES404
RES430
RES415 RES442
RES414
RES424
RES426
RES432
RES412 RES433
RES413 RES434
RES411
RES429
Copyright© 2011 THine Electronics Inc
4/5
THEVA12LVDR1020 manual Rev 1 00 E
Copyright© 2011 THine Electronics, Inc.
4/5
THEVA12LVDR1020_manual_Rev.1.00_E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com