Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 3 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 3 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
It Cl k T i
i
Ed
S l t
2011/04/14
THine Electronics, Inc.
SW401 Setting
SW
Pin#
*
Def.
NodeName
THC63LVD1023B
IC
Pin#
PinName
* Def. : Default Setting
Description
THEVA12LVDR1020 Mode Setting & LVDS-Cable
350mV
H(open)
TxRS
22
RS
L
Input Clock Triggering Edge Select.
H : Rising edge,
L : Falling edge
H(open) H(open)
VIHM
350mV
N/A
RS=VREFa
SW-Pin#
VIMM
H(open)
L
Small Swing
Input Support
234
RS
LVDS Swing
R/F
2L
1H
21
TxRF
LVDS swing mode, VREF select.
3H
23
TxMODE3
MODE3
H(open)
Input port switching function enable when MODE<1:0>=HL(Single-in/Dual-out Mode).
H or Open: Port switch disable.
L: Port switch enable.
SW-Pin#
RS
67
LVDS mapping table select.
8
200mV
N/A
VILM
a) VREF is Input Reference Voltage.
L
H(open)
6L
5L
4H
Mapping Mode
TxMAP
24
MAP
VIHM
Mapping MODE1
VIMM
H(open)
L
H(open) H(open)
SW
*
Mapping MODE2
L
SW402 Setting
7H
H(open)
8H
H(open)
H(open)
L
* Def. : Default Setting
THC63LVD1023B
VILM
Mapping MODE3
MODE1
L
L
Dl Li k(Dl i /Si l
t)
Single Link(Single-in/Dual-out)
Dual Link(Dual-in/Single-out)
MODE0
SW
Pin# Def.
NodeName
Pixel Data Mode.
PinName
1H
25
HL
MODE1
MODE0
Description
H
TxMODE1
H
H
Single Link(Single-in/Single-out)
L
2H
26
TxMODE0
IC
Pin#
Mode
L
L
Dual Link(Dual-in/Single-out)
L
3TxMODE2
The use of these multi-function depends on the setting of MODE<1:0> or ASYNC.
ASYNC=H(MODE<1:0>=Don't care.)
H: Cross point switching enable.
L: Cross point switching disable.
ASYNC=L
MODE<1:0>=HH(Single-in/Single-out Mode)
H: Distribution function enable.
L: Distribution function disable.
MODE<1:0>=HL(Single-in/Dual-out Mode)
MODE2
27
PRBS(Pseudo-Random Binary Sequence) generator is active in order to evaluate eye patterns
Asynchronous function enable.
H : Asynchronous mode enable.(MODE<1:0>=Disable)
L : Asynchronous mode disable.(MODE<1:0>=Enable)
H: Normal operation,
L: Power down (all outputs are Hi-Z)
TxPDWN
5H
4L
28
30
/PDWN
TxASYNC
ASYNC
MODE<1:0> HL(Single in/Dual out Mode)
H: DDR (Double Edge input) function enable.
L: DDR (Double Edge input) function disable.
PRBS(Pseudo-Random Binary Sequence) generator is active in order to evaluate eye patterns
when MODE<1:0> = LL(Dual-in/Dual-out mode) or ASYNC=H
H: PRBS generator is enable.
L: Normal Operation
Must be tied to GND.
Must be Open.
Reserved
8H
33
N/C
7L
32
TxTEST1
TxPRBS
6
Copyright© 2011 THine Electronics Inc
2/5
THEVA12LVDR1020 manual Rev 1 00 E
TxTEST2
L31
PRBS
Copyright© 2011 THine Electronics, Inc.
2/5
THEVA12LVDR1020_manual_Rev.1.00_E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com