Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THEVA12LVDR1020 Datasheet(PDF) 8 Page - California Eastern Labs

Part # THEVA12LVDR1020
Description  Mode Setting & LVDS-Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THEVA12LVDR1020 Datasheet(HTML) 8 Page - California Eastern Labs

  THEVA12LVDR1020 Datasheet HTML 1Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 2Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 3Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 4Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 5Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 6Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 7Page - California Eastern Labs THEVA12LVDR1020 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
THine Electronics, Inc.
2011/04/14
THEVA12LVDR1020 Mode Setting & LVDS-Cable
Notices and Requests
1. The product specifications described in this material are subject to change without prior notice.
the contents of this material without our prior permission is prohibited.
apply to the customer’s design. We are not responsible for possible errors and omissions in this material.
Please note if errors or omissions should be found in this material, we may not be able to correct them
i
ditl
2. The circuit diagrams described in this material are examples of the application which may not always
3. This material contains our copy right, know-how or other proprietary. Copying or disclosing to third parties
reliability (including medical equipment directly concerning people's life, aerospace equipment, or nuclear contro
equipment). Also, when using this product for the equipment concerned with the control and safety of the
4. Note that if infringement of any third party's industrial ownership should occur by using this product, we will be
exempted from the responsibility unless it directly relates to the production process or functions of the product.
5. This product is presumed to be used for general electric equipment, not for the applications which require very hi
small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to have suffici
redundant or error preventive design applied to the use of the product so as not to have our product cause any soc
or public damage
transportation means, the traffic signal equipment, or various Types of safety equipment, please do it after applyin
appropriate measures to the product.
6. Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a certain
or public damage.
7. Please note that this product is not designed to be radiation-proof.
8. Customers are asked, if required, to judge by themselves if this product falls under the category of strategic good
under the Foreign Exchange and Foreign Trade Control Law.
sales@thine.co.jp
THine Electronics, Inc.
Copyright© 2011 THine Electronics Inc
5/5
THEVA12LVDR1020 manual Rev 1 00 E
Copyright© 2011 THine Electronics, Inc.
5/5
THEVA12LVDR1020_manual_Rev.1.00_E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com