Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 37 of 44
APPLICATIONS INFORMATION
ANALYZING AN APPLICATION CIRCUIT
The ADA4945-1 uses open-loop gain and negative feedback to
force the differential and common-mode output voltages to
minimize the differential and common-mode error voltages. The
differential error voltage is the voltage between the differential
inputs labeled +IN and −IN (see Figure 98). For most purposes,
this voltage is 0 V. Similarly, the difference between the actual
output common-mode voltage and the voltage applied to VOCM is
also 0 V. Starting from these two assumptions, any application
circuit can be analyzed.
SETTING THE CLOSED-LOOP GAIN
Determine the differential mode gain of the circuit in Figure 98
by using the following equation:
G
F
dm
IN
dm
OUT
R
R
V
V
=
,
,
This calculation assumes that the input resistors (RG) and
feedback resistors (RF) on each side are equal.
ESTIMATING THE OUTPUT NOISE VOLTAGE
The differential output noise of the ADA4945-1 can be estimated
by using the noise model in Figure 102. The input-referred noise
voltage density, vnIN, is modeled as a differential input, and the
noise currents, inIN− and inIN+, appear between each input and
ground. The noise currents are assumed equal and produce a
voltage across the parallel combination of the gain and feedback
resistances. vnCM is the noise voltage density at the VOCM pin. Each
of the four resistors contributes (4kTRx)1/2. Table 13 summarizes
the input noise sources, the multiplication factors, and the
output referred noise density terms. For more noise calculation
information, go to the Analog Devices Differential Amplifier
Calculator (DiffAmpCalc™), click ADIDiffAmpCalculator.zip,
and follow the on-screen prompts.
ADA4945-1
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–
Figure 102. ADA4945-1 Noise Model
As with conventional op amps, the output noise voltage
densities can be estimated by multiplying the input referred
terms at +IN and −IN by the appropriate output factor,
where:
(
)
2
1
N
β
β
G
+
=
2
is the circuit noise gain.
G1
F1
G1
1
R
R
R
β
+
=
and
G2
F2
G2
2
R
R
R
β
+
=
are the feedback factors.
When RF1/RG1 = RF2/RG2, then β1 = β2 = β, and the noise gain
becomes
G
F
N
R
R
β
G
+
=
=
1
1
Note that the output noise from VOCM goes to zero in this case.
The total differential output noise density, vnOD, is the root-sum-
square of the individual output noise terms.
∑
=
=
8
1
i
2
nOi
nOD
v
v
Table 13. Output Noise Voltage Density Calculations
Input Noise Contribution
Input Noise Term
Input Noise Voltage
Density
Output Multiplication
Factor
Output-Referred Noise Voltage
Density Term
Differential Input
vnIN
vnIN
GN
vnO1 = GN (vnIN)
Inverting Input
inIN−
inIN− × (RG2||RF2)
GN
vnO2 = GN [inIN− × (RG2||RF2)]
Noninverting Input
inIN+
inIN+ × (RG1||RF1)
GN
vnO3 = GN [inIN+ × (RG1||RF1)]
VOCM Input
vnCM
vnCM
GN (β1 − β2)
vnO4 = GN (β1 − β2)(vnCM)
Gain Resistor, RG1
vnRG1
(4kTRG1)1/2
GN (1 − β2)
vnO5 = GN (1 − β2)(4kTRG1)1/2
Gain Resistor, RG2
vnRG2
(4kTRG2)1/2
GN (1 − β1)
vnO6 = GN (1 − β1)(4kTRG2)1/2
Feedback Resistor, RF1
vnRF1
(4kTRF1)1/2
1
vnO7 = (4kTRF1)1/2
Feedback Resistor, RF2
vnRF2
(4kTRF2)1/2
1
vnO8 = (4kTRF2)1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com