Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 7 of 44
VS = 5 V
VOCM = midsupply, G = 1, RF = RG = 499 Ω, RL, dm = 1 kΩ, TA = 25°C, unless otherwise noted. All specifications refer to single-ended input
and differential outputs, unless otherwise noted. Refer to Figure 98 for circuits definitions.
+DIN or –DIN to VOUT,dm Performance
Table 4.
Full Power Mode
Low Power Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal
Bandwidth
VOUT,dm = 20 mV p-p, G = 1
145
80
MHz
VOUT,dm = 20 mV p-p, G = 2
95
40
MHz
VOUT, dm = 20 mV p-p, G = 5
40
17
MHz
−3 dB Large Signal
Bandwidth
VOUT, dm = 2 V p-p, G = 1
60
18
MHz
VOUT, dm = 2 V p-p, G = 2
54
40
MHz
VOUT, dm = 2 V p-p, G = 5
52
16
MHz
Bandwidth for 0.1 dB
Flatness
VOUT,dm = 20 mV p-p, G = 1
28
27
MHz
VOUT,dm = 20 mV p-p, G = 2
20
7
MHz
Slew Rate
VOUT, dm = 8 V step
600
100
V/µs
Settling Time to 0.1%
VOUT, dm = 8 V step
35
85
ns
Settling Time
16-bit
50
150
ns
18-bit
100
300
ns
Input Overdrive
Recovery
G = 1, VIN, dm = 10 V p-p,
triangular waveform
300
500
ns
Output Overdrive
Recovery
G = 2, VOUT,dm = 12 V p-p,
triangular waveform
145
80
ns
NOISE/HARMONIC
PERFORMANCE
VOUT, dm = 8 V p-p
HD2
Center frequency
(fC) = 1 kHz
−133
−133
dBc
fC = 100 kHz
−133
−133
dBc
fC = 100 kHz, G = 2
−128
−128
dBc
fC = 1 MHz
−95
−68
dBc
HD3
fC = 1 kHz
−140
−138
dBc
fC = 100 kHz
−116
−116
dBc
fC = 100 kHz, G = 2
−123
−122
dBc
fC = 1 MHz
−88
−62
dBc
Input Voltage Noise
Differential
f = 10 Hz
5
7
nV/√Hz
f = 100 kHz
1.8
3
nV/√Hz
1/f corner frequency
100
40
Hz
Common Mode
f = 10 Hz
350
284
nV/√Hz
f = 100 kHz
30
38
nV/√Hz
1/f corner frequency
1000
1000
nV/√Hz
Integrated Voltage
Noise
0.1 Hz to 10 Hz
35
25
nV rms
Input Current Noise
f = 10 Hz
11
4
pA/√Hz
f = 100 kHz
1.0
0.6
pA/√Hz
1/f corner frequency
2000
1000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com