Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4945-1ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 4 of 44
Full Power Mode
Low Power Mode
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
Integrated Voltage
Noise
0.1 Hz to 10 Hz
35
25
nV rms
Input Current Noise
f = 10 Hz
11
4
pA/√Hz
f = 100 kHz
1.0
0.6
pA/√Hz
1/f corner frequency
2000
1000
Hz
INPUT CHARACTERISTICS
Input Offset Voltage
25°C
±10
±50
±10
±50
µV
TA = 20°C to 85°C
±15
±80
±15
±80
µV
TA = −40°C to +125°C
±30
±115
±30
±115
µV
Input Offset Voltage
Drift
TA = 20°C to 85°C
±0.1
±0.5
±0.1
±0.5
µV/°C
TA = −40°C to +125°C
±0.2
±1.0
±0.2
±1.0
µV/°C
Input Bias Current
TA = 25°C
−1.2
−2.5
−0.5
−0.8
µA
TA = 20°C to 85°C
−1.5
−3.0
−0.6
−1.0
µA
TA = −40°C to +125°C
−1.8
−3.4
−0.7
−1.2
µA
Input Bias Current Drift
TA = 20°C to 85°C
−10
−50
−10
−50
nA/°C
TA = −40°C to +125°C
−10
−50
−10
−50
nA/°C
Input Offset Current
TA = 25°C
±20
±200
±10
±130
nA
TA = 20°C to 85°C
±25
±250
±20
±150
nA
TA = −40°C to +125°C
±40
±300
±25
±200
nA
Input Offset Current
Drift
TA = 20°C to 85°C
±0.1
±0.6
±0.06
±0.38
nA/°C
TA = −40°C to +125°C
±0.12
±0.7
±0.07
±0.4
nA/°C
Input Common-Mode
Voltage (VCM) Range
−VS
+VS − 1.3
−VS
+VS − 1.3
V
Input Resistance
Differential
50
50
kΩ
Common mode
50
50
MΩ
Input Capacitance
1
1
pF
Common-Mode
Rejection Ratio
(CMRR)
VCM = 0.5 V to 9 V
−110
−110
dB
Open-Loop Gain
Output voltage
(VOUT) = ±4 V
120
115
dB
OUTPUT
CHARACTERISTICS
Output Voltage Swing
Load resistance
(RL) = 100 Ω for each single-
ended output
−VS + 0.55
+VS − 0.55
−VS + 0.55
+VS − 0.55
V
RL = 1 kΩ
−VS + 0.1
+VS − 0.1
−VS + 0.1
+VS − 0.1
V
Short-Circuit Current
170
140
mA
peak
Output Balance Error
f = 100 kHz, ΔVOUT,cm/ΔVOUT,dm
100
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com