Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 38 of 44
IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
Even if the external feedback networks (RF/RG) are mismatched,
the internal common-mode feedback loop still forces the outputs
to remain balanced. The amplitudes of the signals at each output
remain equal and 180° out of phase. The input-to-output,
differential mode gain varies proportionately to the feedback
mismatch, but the output balance is unaffected.
As well as causing a noise contribution from VOCM, ratio matching
errors in the external resistors result in a degradation of the ability
of the circuit to reject input common-mode signals, similar to a
four resistors difference amplifier made from a conventional
op amp.
In addition, if the dc levels of the input and output common-
mode voltages are different, matching errors result in a small
differential mode, output offset voltage. When G = 1, with a
ground referenced input signal and the output common-mode
level set to 2.5 V, an output offset of as much as 25 mV (1% of
the difference in common-mode levels) can result if 1% tolerance
resistors are used. Resistors of 1% tolerance result in a worst
case input CMRR of about 40 dB, a worst case differential mode
output offset of 25 mV due to the 2.5 V level shift, and no
significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE OF AN
APPLICATION CIRCUIT
The effective input impedance depends on whether the signal
source is single-ended or differential. For a balanced differential
input signal, as shown in Figure 103, the input impedance (RIN,dm)
between the inputs (+DIN and −DIN) is RIN, dm = 2 × RG.
+VS
ADA4945-1
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
Figure 103. ADA4945-1 Configured for Balanced (Differential) Inputs
For an unbalanced single-ended input signal, as shown in
Figure 104, the input impedance is
RIN,SE = RG1
)
1
( +
+
β2
β1
β2
β1
where:
β1 =
F1
G1
G1
R
R
R
+
β2 =
2
2
F
G2
G
R
R
R
+
ADA4945-1
RL VOUT, dm
+VS
–VS
RG1
RG2
RF2
RF1
VOCM
RIN, SE
Figure 104. ADA4945-1 with Unbalanced (Single-Ended) Input
For a balanced system where RG1 = RG2 = RG and RF1 = RF2 = RF,
the equations simplify to
+
−
=
+
=
=
)
2(
1
F
G
F
G
IN,SE
F
G
G
R
R
R
R
R
and
R
R
R
β2
β1
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the RG1 input resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com