Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADA4945-1
Data Sheet
Rev. 0 | Page 42 of 44
DRIVING A HIGH PRECISION ADC
The ADA4945-1 is ideally suited for broadband dc-coupled
applications. The recommended list of precision converters is
shown in Table 15. The circuit in Figure 116 shows an example
of the ADA4945-1 driving a precision ADC such as the AD4003
(an 18-bit, 2 MSPS, successive approximation ADC), or the
AD7768 (a 24-bit, 256 kSPS, sigma-delta ADC). The ADA4945-1
is dc-coupled on the input and the output, which eliminates the
need for a transformer to drive the ADC. In this example, the
ADA4945-1 is applied in a differential input to differential
output configuration, with a gain of 1, and with dual supplies of
+7 V and −2 V. The output of the ADA4945-1 is level shifted to
match the input common mode of the ADC. The gain is set by
the ratio of the feedback resistor to the gain resistor. In addition,
the circuit can be used in a single-ended input to differential
output configuration. If needed, a termination resistor in parallel
with the source input can be used. When a single-ended input
is used, the input impedance of the amplifier can be calculated as
shown in the Terminating a Single-Ended Input section. If the
feedback and gain resistors are all 1 kΩ, as in Figure 116, the
single-ended input impedance is approximately 1.33 kΩ, which,
in parallel with a 52.3 Ω termination resistor, provides a 50 Ω
termination for the source. An additional 25.5 Ω (1025.5 Ω total)
at the inverting input balances the parallel impedance of the 50 Ω
source and the termination resistor driving the noninverting
input. However, if a differential source input is used, the
differential input impedance is 2 kΩ. In this case, two 52.3 Ω
termination resistors are used to terminate the inputs.
When driving the AD7768 in this example, the ADA4945-1 is
driven by a signal generator having an 8 V p-p symmetric,
bipolar output. The VOCM input of the ADA4945-1 is bypassed for
noise reduction and is driven via the common-mode source of the
AD7768 to 2.5 V. With an output common-mode voltage of 2.5 V,
each ADA4945-1 output swings between 0 V and 4 V, opposite
in phase, providing a gain of 1 and a 8 V p-p differential signal
to the ADC input. The differential RC section between the
ADA4945-1 output and the ADC input provides a single-pole,
low-pass filter to help reduce current spikes due to ADC input
switching.
Table 14 shows the SNR and total harmonic distortion (THD)
of the ADA4945-1 driving the AD7768 and AD4003 for various
input frequencies at a near full-scale signal. The RC filter values
in Figure 116 are also shown, as well as the reference voltage
(REF) level.
ADA4945-1
C
R
R
+7V
–2V
1kΩ
1kΩ
1kΩ
1kΩ
+2.5V
C
ADC
–IN
+IN
VREF
+VCLAMP
–VCLAMP
CDIFF
REF
+DIN
–DIN
Figure 116. ADA4945-1 Driving Precision ADC
Table 14. SNR and THD for ADA4945-1 Driving AD7768 and AD4003
ADC
Frequency (kHz)
Signal Level (V p-p)
REF (V)
R (Ω)
C (nF)
CDIFF (nF)
SNR (dB)
THD (dB)
AD7768
1
8.0
4.096
10
0.27
0.68
106.7
−115.9
2
8.0
4.096
10
0.27
0.68
106.5
−115.5
10
8.0
4.096
10
0.27
0.68
105.8
−116.9
20
7.98
4.096
10
0.27
0.68
104.7
−116.2
AD4003
1
9.5
5.0
200
180.0
Not applicable
98.5
−123.5
10
9.5
5.0
200
180.0
Not applicable
98.3
−117.0
100
9.1
5.0
200
180.0
Not applicable
96.3
−100.3
Table 15. Recommended Converters
Product
Power (mW)
Throughput (MSPS)
Resolution (Bits)
SNR (dB)
AD4001
16
2
16
96
AD4003
16
2
18
100
AD4005
8
1
16
96
AD4007
8
1
18
100
AD4011
4
0.5
18
100
AD4020
20
2
20
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com