Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4945-1ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4945-1ACPZ-R7
Description  High Speed Offset Drift Fully Differential ADC Driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4945-1ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4945-1ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4945-1ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
ADA4945-1
Rev. 0 | Page 39 of 44
Terminating a Single-Ended Input
This section describes how to properly terminate a single-ended
input to the ADA4945-1. Assume a system gain of 1 where RF1 =
RF2 = RG1 = RG2 = 499 Ω, an input source with an open-circuit output
voltage of 2 V p-p, and a source resistance of 50 Ω. Figure 105
shows the circuit.
1. Calculate the input impedance.
β1 = β2 = 499/998 = 0.5 and RIN = 665.33 Ω
RS
50Ω
VS
2V p-p
RIN
665.333Ω
ADA4945-1
RL VOUT, dm
+VS
–VS
RG1
499Ω
RG2
499Ω
RF2
499Ω
RF1
499Ω
VOCM
Figure 105. Single-Ended Input Impedance RIN
2.
Add a termination resistor (RT) to match the 50 Ω source
resistance. Because RT||665.33 Ω = 50 Ω, RT = 54.06 Ω.
ADA4945-1
RL VOUT, dm
+VS
–VS
RS
50Ω
RG1
499Ω
RG2
499Ω
RF2
499Ω
RF1
499Ω
VOCM
VS
2V p-p
RIN
50Ω
RT
54.06Ω
Figure 106. Adding Termination Resistor, RT
3.
Replace the source termination resistor combination with
the Thevenin equivalent. The Thevenin equivalent of the
source resistance, RS, and the termination resistance, RT, is
RTH = RS||RT = 25.976 Ω. The Thevenin equivalent of the
source voltage is
VTH = VS
T
S
T
R
R
R
+
= 1.039 V p-p
RS
50Ω
VS
2V p-p
RT
54.06Ω
RTH
25.976Ω
VTH
1.039V p-p
Figure 107. Thevenin Equivalent Circuit
4.
Set RF1 = RF2 = RF to maintain a balanced system.
Compensate the imbalance caused by RTH. There are two
methods available to compensate, as follows:
•
Add RTH to RG2 to maintain balanced gain resistances
and increase RF1 and RF2 to RF =
TH
S
V
V
Gain(RG + RTH) to
maintain the system gain.
•
Decrease RG2 to RG2 =
Gain
V
V
R
S
TH
F
×
×
to maintain system
gain and decrease RG1 to (RG2 − RTH) to maintain
balanced gain resistances.
The first compensation method is used in the Analog Devices
DiffAmpCalc™ tool. Using the second compensation method,
RG2 =259.241 Ω and RG1 = 259.241 – 25.976 = 233.265 Ω. The
modified circuit is shown in Figure 108.
ADA4945-1
RL VOUT, dm
+VS
–VS
RTH
25.976Ω
RG1
233.265Ω
RG2
259.241Ω
RF2
499Ω
RF1
499Ω
VOCM
VTH
1.039V p-p
Figure 108. Thevenin Equivalent with Matched Gain Resistors
Figure 108 shows an easily manageable circuit with
matched feedback loops that can be easily evaluated.
5. The modified gain resistor, RG1, changes the input impedance.
Repeat Step 1 through Step 4 several times using the modified
value of RG1 from the previous iteration until the value of
RT does not change from the previous iteration. After three
additional iterations, the change in RG1 is less than 0.1%.
The final circuit is shown in Figure 109 with the closest 1%
resistor values.
ADA4945-1
RL
VOUT, dm
1.990V p-p
+VS
–VS
RS
50Ω
RG
243Ω
VP
VN
RG2
267Ω
RF1
499Ω
RF2
499Ω
VOCM
VS
2V p-p
0.998V p-p
RT
57.6Ω
Figure 109. Terminated Single-Ended-to-Differential System with G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com