Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 3 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 3 Page - Analog Devices

  ADPD144RI Datasheet HTML 1Page - Analog Devices ADPD144RI Datasheet HTML 2Page - Analog Devices ADPD144RI Datasheet HTML 3Page - Analog Devices ADPD144RI Datasheet HTML 4Page - Analog Devices ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 3 of 34
SPECIFICATIONS
The voltage applied at the VDD1 pin and VDD2 pin (VDD) = 1.8 V and TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
VDD1, VDD2 = 1.8 V
Peak Supply Current
IVDD_PEAK
4-channel operation
9.3
mA
Standby Mode Current
IVDD_STANDBY
3.5
µA
Average Supply Current
IVDD_AVG
See the Calculating the Total Power Consumption section
µA
Supply Current
LED offset = 25 µs, LED period = 19 µs,
LED peak current = 25 mA, 4 channels active
1 Pulse
100 Hz data rate, Time Slot A only
106
µA
100 Hz data rate, Time Slot B only
94
µA
100 Hz data rate, Time Slot A and Time Slot B
151
µA
10 Pulses
100 Hz data rate, Time Slot A only
258
µA
100 Hz data rate, Time Slot B only
246
µA
100 Hz data rate, Time Slot A and Time Slot B
455
µA
LED SUPPLY VOLTAGE (VLED) CURRENT
Average Supply Current
VLED
ILED_AVG
See the Calculating the Total Power Consumption section
VLED Supply Current, Average
Peak LED current = 100 mA, LED pulse width = 3 µs
1 Pulse
50 Hz data rate
15
µA
100 Hz data rate
30
µA
200 Hz data rate
60
µA
10 Pulses
50 Hz data rate
150
µA
100 Hz data rate
300
µA
200 Hz data rate
600
µA
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SATURATION ILLUMINANCE1
Blackbody color temperature (T = 5800 K)2
Direct Illumination
Transimpedance amplifier (TIA) gain = 25 kΩ
48
kLux
TIA gain = 50 kΩ
24
kLux
TIA gain = 100 kΩ
10
kLux
TIA gain = 200 kΩ
4
kLux
Through Skin
TIA gain = 25 kΩ
140
kLux
TIA gain = 50 kΩ
70
kLux
TIA gain = 100 kΩ
31
kLux
TIA gain = 200 kΩ
12
kLux
DATA ACQUISITION
ADC Resolution
Single pulse
14
Bits
Sample Width
64 pulses to 255 pulses
20
Bits
Output Data Width
64 pulses to 255 pulses, 128 samples averaged
27
Bits
Sampling Frequency (fSAMPLE)
Lowest Setting
Adjustable via Register 0x12 setting (see Table 18)
0.122
Hz
Highest Setting
Time Slot B only, one pulse per sample, sleep time = 200 µs
3.48
kHz
Minimum Sleep Time (tSLEEP_MIN)
Minimum sleep time required between samples
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com