Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 8 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 4Page - Analog Devices ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices ADPD144RI Datasheet HTML 10Page - Analog Devices ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 8 of 34
TYPICAL PERFORMANCE CHARACTERISTICS
80
0
10
20
30
40
50
60
70
300
400
500
600
700
800
900
1100
1000
WAVELENGTH (nm)
Figure 5. Photodiode Quantum Efficiency
30
0
5
10
15
20
25
–25
–20
–15
–10
–5
0
5
10
15
SAMPLE FREQUENCY DEVIATION FROM NOMINAL (%)
Figure 6. 32 kHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4B = 0x2612)
0
5
10
15
20
FREQUENCY (MHz)
27.5 28.0 28.5 29.0 29.5 30.0 30.5 31.0 31.5 32.0
Figure 7. 32 MHz Clock Frequency Distribution
(Default Settings, Before User Calibration: Register 0x4D = 0x425E)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
4.5
0.5
1.5
2.5
3.5
VLED MIN (V)
880nm
660nm
Figure 8. Maximum Achievable LED Current (ILED_PEAK) vs. Minimum VLED
1.0
0.8
0.6
0.4
0.2
0
650
700
750
800
850
900
950
1000
WAVELENGTH (nm)
Figure 9. Spectral Output of LED2 (880 nm LED)
1.0
0
0.2
0.4
0.6
0.8
500
800
750
700
650
600
550
WAVELENGTH (nm)
Figure 10. Spectral Output of LED1 (660 nm LED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com