Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 1 Page - Analog Devices

  ADPD144RI Datasheet HTML 1Page - Analog Devices ADPD144RI Datasheet HTML 2Page - Analog Devices ADPD144RI Datasheet HTML 3Page - Analog Devices ADPD144RI Datasheet HTML 4Page - Analog Devices ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PPG Optical Sensor Module with Integrated
Red/IR Emitters and AFE
Data Sheet
ADPD144RI
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2.8 mm × 5.0 mm module with integrated optical components
660 nm LED, 880 nm IR LED, and photodiode
Fully integrated AFE, ADC, LED drivers, and timing core
Custom optical package for use under a glass window
Programmable 2-channel, 8.5 mA to 370 mA LED drivers
Provision to use external LED emitters
Low power
Specifically designed for ultralow direct optical reflections
Independent AFE settings per channel
I2C data and control interface
Burst accumulator enabling 20 bits per sample period
Sample to sample accumulator enabling up to 27 bits per
data read
16-bit or 32-bit register or FIFO readout per channel
APPLICATIONS
Optical heart rate monitoring
Reflective SpO2 measurement
GENERAL DESCRIPTION
The ADPD144RI is a highly integrated, photometric front end
optimized for photoplethysmography (PPG) detection of blood
oxygenation (SpO2) by synchronous detection in red and infrared
wavelengths. Synchronous measurement allows rejection of both
dc and ac ambient light interference with extremely low power
consumption.
The module combines highly efficient, light emitting diode
(LED) emitters and a sensitive 4-channel, deep diffusion
photodiode (PD1 to PD4) with a custom application specific
integrated circuit (ASIC) in a compact package that provides
optical isolation between the integrated LED emitters and the
detection photodiodes to improve through tissue, signal-to-
noise ratio (SNR).
The ASIC consists of a 4-channel analog front end (AFE) with
two independently configurable datapaths with separate gain
and filter settings, a 14-bit analog-to-digital converter (ADC)
with a burst accumulator, two flexible, independently configurable,
LED drivers, and a digital control block. The digital control
block provides AFE and LED timing, signal processing, and
communication. Data output and functional configuration
occur over a 1.8 V I2C interface.
FUNCTIONAL BLOCK DIAGRAM
ANALOG BLOCK
TIME SLOT A
DATA
TIME SLOT B
DATA
AFE CONFIGURATION,
TIME SLOT A
AFE CONFIGURATION,
TIME SLOT B
SDA
SCL
INT
DGND
AGND
VREF
1µF
VDD1
VDD2
ADPD144RI
14-BIT
ADC
LED2 DRIVER
LED2 LEVEL AND TIMING CONTROL
LED1 DRIVER
LED1 LEVEL AND TIMING CONTROL
LGND
VLED
LEDX2
LEDX1
TIA
VBIAS
AMBIENT
LIGHT
REJECTION
AFE: SIGNAL CONDITIONING
AFE
GAIN
TIA
VBIAS
AMBIENT
LIGHT
REJECTION
AFE
GAIN
TIA
VBIAS
AMBIENT
LIGHT
REJECTION
AFE
GAIN
TIA
VBIAS
AMBIENT
LIGHT
REJECTION
AFE
GAIN
CH1
CH2
CH3
CH4
PD3
PD1
PD4
PD2
660nm
880nm
LEDs
DIGITAL
INTERFACE
AND
CONTROL
Figure 1.


Similar Part No. - ADPD144RI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD103 AD-ADPD103 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCBZRL7 AD-ADPD103BCBZRL7 Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZ AD-ADPD103BCPZ Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD103BCPZRL AD-ADPD103BCPZRL Datasheet
982Kb / 53P
TEMPERATURE AND POWER SPECIFICATIONS
REV. B
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
More results

Similar Description - ADPD144RI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4650 OSRAM-SFH4650_13 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
logo
OptoDiode Corp
OD-110L OPTODIODE-OD-110L Datasheet
377Kb / 2P
SUPER HIGH-POWER GaAlAs IR EMITTERS Ultra high optical output
logo
OSRAM GmbH
SFH7776 OSRAM-SFH7776 Datasheet
430Kb / 34P
Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
logo
Texas Instruments
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44I30 TI1-AFE44I30 Datasheet
127Kb / 5P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
logo
Maxim Integrated Produc...
MAX86916 MAXIM-MAX86916 Datasheet
842Kb / 39P
Integrated Optical Sensor Module for Mobile Health
Rev 0; 10/19
logo
New Japan Radio
NJL5513R NJRC-NJL5513R Datasheet
767Kb / 19P
Biomonitoring Sensor with Red & IR & Two Green LEDs
Ver.1
logo
Texas Instruments
AFE44I30 TI-AFE44I30_V01 Datasheet
736Kb / 7P
AFE44I30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-sensing
FEBRUARY 2020
logo
Richtek Technology Corp...
RT1025 RICHTEK-RT1025 Datasheet
621Kb / 24P
Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com