Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 18 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 14Page - Analog Devices ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 18 of 34
Reading Data from Registers Using Interrupts
The latest sample data is always available in the data registers
and is updated simultaneously at the end of each time slot. The
data value for each photodiode channel is available as a 16-bit
value in Register 0x64 through Register 0x67 for Time Slot A,
and Register 0x68 through Register 0x6B for Time Slot B. If
allowed to reach their maximum value, Register 0x64 through
Register 0x6B clip. If Register 0x64 through Register 0x6B saturate,
the unsaturated (up to 27 bits) values for each channel are available
in Register 0x70 through Register 0x77 for Time Slot A and
Register 0x78 through Register 0x7F for Time Slot B. Sample
interrupts are available to indicate when the registers are updated
and can be read. To use the interrupt for a given time slot, use
the following procedure:
1. Enable the sample interrupt by writing a 0 to the appropriate
bit in Register 0x01. To enable the interrupt for Time Slot A,
write 0 to Bit 5. To enable the interrupt for Time Slot B, write 0
to Bit 6. Either or both interrupts can be set. An interrupt is
generated when the data registers are updated.
2. Configure the INT pin by writing the appropriate value to
the bits in Register 0x02.
3. The interrupt handler must perform the following:
a. Read Register 0x00 and observe Bit 5 or Bit 6 to confirm
which interrupt has occurred. This step is not
required if only one interrupt is in use.
b. Read the data registers before the next sample can be
written. The system must have an interrupt latency
and service time that is short enough to respond
before the next data update, based on the output data
rate.
c. Write a 1 to Bit 5 or Bit 6 in Register 0x00 to clear the
interrupt.
If both time slots are in use, it is possible to use only the
Time Slot B interrupt to signal when all registers can be read. It
is recommended to use the multiword read to transfer the data
from the data registers.
Reading Data from Registers Without Interrupts
If the system interrupt response is not fast or predictable
enough to use the interrupt method, or if the INT pin is not
used, it is possible to obtain reliable data access by using the
data hold mechanism. To guarantee that the data read from the
registers is from the same sample time, it is necessary to prevent
the update of samples while reading the current values.
The method for performing register reads without interrupt
timing is as follows:
1. Write a 1 to SLOTA_DATA_HOLD or SLOTB_DATA_
HOLD bits, Register 0x5F, Bit 1 and Bit 2, respectively, for
the time slot requiring access (both time slots can be
accessed). This write prevents sample updates.
2. Read the registers as desired.
3. Write a 0 to the SLOTA_DATA_HOLD or SLOTB_
DATA_HOLD bits, Register 0x5F, Bit 1 and Bit 2,
respectively. Sample updates are allowed again.
Because a new sample may arrive while the reads are occurring,
this method prevents the new sample from partially overwriting
the data being read.
CLOCKS AND TIMING CALIBRATION
The ADPD144RI uses two internal time bases. A 32 kHz clock
provides master timing for the state machine, sets the sample
timing, and determines the output data rate. A separate 32 MHz
clock controls the digital processing engine of the ASIC. Both
clocks are internally generated and exhibit device to device
variation of approximately 10% (typical).
Both clocks can be calibrated to provide accurate timing for
applications that require precise timing reference.
Calibrating the 32 kHz Clock
The 32 kHz clock provides the coarse timing reference for
sampling time and output data rate. For applications where
an accurate time reference is important, such as heart rate
measurements, calibrate the 32 kHz clock. To calibrate the
clock, take the following steps:
1. Set the sampling frequency to the highest the system can
handle, such as 2000 Hz. Because the 32 kHz clock controls
sample timing, its frequency is readily accessible via the INT
pin. Configure the interrupt by writing 0xC0FF to
Register 0x02 and set the interrupt to occur at the sampling
frequency by writing 0 to Register 0x01, Bit 5. Monitor the
INT pin. The INT pin then pulses at 1/4 the sample
frequency.
2. If the monitored interrupt frequency × 4 is less than the set
sampling frequency, increase the CLK32K_ADJUST bits,
Register 0x4B, Bits[5:0]. If the monitored interrupt
frequency × 4 is larger than the set sampling frequency,
decrease the CLK32K_ADJUST bits.
Repeat Step 2 until the monitored interrupt signal frequency is
close enough to the set sampling frequency. Note that the
resolution of the 32 kHz clock adjust is 0.6 kHz per LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com