Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 9Page - Analog Devices ADPD144RI Datasheet HTML 10Page - Analog Devices ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices ADPD144RI Datasheet HTML 14Page - Analog Devices ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 13 of 34
ADJUSTABLE SAMPLING FREQUENCY
Register 0x12 sets a divider from the 32 kHz clock that
determines the sampling frequency of the ADPD144RI. The
maximum sampling frequency (fSAMPLE, MAX) is determined by the
sample periods for Time Slot A and Time Slot B plus the
minimum sleep time.
fSAMPLE, MAX = 1/(tA + t1 + tB + t2 + tSLEEP_MIN)
(2)
where tSLEEP_MIN is the minimum sleep time required between
samples.
See the Pulse Timing section for the definitions of tA, t1, tB, and t2.
If a given time slot is not in use, elements from that time slot do
not factor into the calculation. For example, if Time Slot A is
not in use, tA and t1 do not add to the sampling period, and the
maximum sampling frequency is calculated as follows:
fSAMPLE, MAX = 1/(tB + t2 + tSLEEP_MIN)
(3)
External Sync for Sampling
The ADPD144RI provides an option to use an external sync
signal to trigger the sampling periods. This external sample sync
signal is provided on the INT pin. This functionality is
controlled by Register 0x4F, Bits[2:1]. When enabled, a rising
edge on the selected input specifies when the next sample cycle
occurs. When triggered, there is a delay of one to two internal
sampling clock (32 kHz) cycles, and then the normal start-up
sequence occurs. This sequence is the same as if the normal
sample timer provided the trigger. To enable the external sync
signal feature, use the following procedure:
1.
Write 0x1 to Register 0x10 to enter program mode.
2.
Write 1 to Register 0x4F, Bit 2 to select the external sync
using the INT pin. Enable the INT pin input buffer by
writing 1 to Register 0x4F, Bit 1.
3.
Write 0x4000 to Register 0x38.
4.
Write 0x0002 to Register 0x10 to start the sampling
operations.
5.
Apply the external sync signal on the INT pin at the
desired rate (sampling occurs at that rate). As with normal
sampling operations, read the data using the FIFO or the
data registers.
The maximum frequency constraints (fSAMPLE, MAX) still apply
when externally triggering the sample function.
LED Pulse and Sample
At each sampling period, the selected LED driver drives a series
of LED pulses in each time slot as shown in Figure 13. The
magnitude, duration, and number of pulses are programmable
over the I2C interface. Each LED pulse coincides with a sensing
period of the AFE. During the AFE sensing period, the charge
acquired on the photodiode from ambient light is subtracted
from the photodiode charge of the synchronous LED pulse. The
combined signals effectively null the contribution of ambient
light.
During each pulse period, the photodiode output is integrated
and converted to a digital value by the 14-bit ADC. Each
subsequent conversion within a time slot is summed with the
previous result. Up to 255 pulse values from the ADC can be
summed in an individual time slot up to a maximum of 20 bits.
LED DRIVER OPERATION
Integrated LEDs
The ADPD144RI features integrated 660 nm (LED1) and 880 nm
(LED2) LED emitters optimized for SpO2 measurement. The
anodes of the integrated LEDs require connection to a power
supply via the VLED pin, which allows flexibility of the supply
voltage for the LEDs as well as decoupling. A capacitor (CVLED),
placed close to the VLED pin, provides additional pulse current to
the LEDs in pulse mode. Without this capacitor, output impedance
of the LED supply can adversely affect the pulsed performance of
the LEDs. Selection of the correct CVLED value is covered in the
Determining CVLED section.
The LEDX1 and LEDX2 pins are external connections to the
LED drivers and cannot be connected when using the integrated
LED emitters. It is not possible to combine integrated and
external LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com