Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD144RI Datasheet(PDF) 21 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices ADPD144RI Datasheet HTML 23Page - Analog Devices ADPD144RI Datasheet HTML 24Page - Analog Devices ADPD144RI Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 21 of 34
OPTIMIZING SNR PER WATT
The ADPD144RI offers a variety of parameters that the user can
adjust to achieve the best signal. One of the key goals of system
performance is to obtain the best system SNR for the lowest
total power, which is often referred to as optimizing SNR per watt.
In systems where SNR is the primary design goal and power is a
secondary concern, there may be a configuration that achieves
the same SNR for an overall lower system power.
Optimizing for Peak SNR
The first step in optimizing for peak SNR is to find a TIA
gain and LED level that gives the best performance where the
number of LED pulses remains constant. It is important to note
that the SNR improves as a square root of the number of pulses
averaged together, whereas LED power consumed is directly
proportional to the number of LED pulses. For every doubling
of the LED pulse count, there is a doubling of the LED power
consumed and a 3 dB SNR improvement. As a result, avoid any
change in the gain configuration that provides less than 3 dB of
improvement for a 2× power penalty. Any TIA gain configuration
that provides more than 3 dB of improvement for a 2× power
penalty is recommended. If peak SNR is the goal and there is no
issue saturating the photodiode with LED current at any gain,
the 50,000 TIA gain setting is an optimal choice. After the SNR
per pulse per channel is optimized, the user can then increase
the number of pulses to achieve the desired system SNR.
Optimizing SNR per Watt in a Signal Limited System
In practice, optimizing for peak SNR is not always practical.
One scenario in which the PPG signal has a poor SNR is the
signal limited regime. In this scenario, the LED current reaches
an upper limit before the desired dc return level is achieved.
Tuning in this case starts where the peak SNR tuning stops. The
starting point is nominally a 50,000 gain, as long as the lowest
LED current setting of 8 mA does not saturate the photodiode
and the 50,000 gain provides enough protection against intense
background light. In these cases, use a 25,000 gain as the
starting point.
The goal of the tuning process is to bring the dc return signal to
a specific ADC range, such as 50% or 60%. The ADC range
choice is a function of the margin of headroom needed to
prevent saturation as the dc level fluctuates over time. The SNR of
the PPG waveform is always some percentage of the dc level. If
the target level cannot be achieved at the base gain, increase the
gain and repeat the procedure. The tuning system may need to
place an upper limit on the gain to prevent saturation from
ambient signals.
Tuning the Pulse Count
After the LED peak current and TIA gain are optimized,
increasing the number of pulses per sample increases the SNR
by the square root of the number of pulses. There are two ways to
increase the pulse count. The pulse count registers (Register 0x31,
Bits[15:8], and Register 0x36, Bits[15:8]) change the number of
pulses per internal sample. Register 0x15, Bits[6:4] and Bits[10:8],
controls the number of internal samples that are averaged together
before the data is sent to the output. Therefore, the number of
pulses per sample is the pulse count register multiplied by the
number of subsequent samples being averaged. In general, the
internal sampling rate increases as the number of internal
sample averages increase to maintain the desired output data
rate. The SNR per watt is most optimal with pulse count values
of 16 or less. Above pulse count values of 16, the square root
relationship does not hold in the pulse count register. However,
this relationship continues to hold when averaged between
samples using Register 0x15.
Note that increasing the LED peak current increases SNR
almost directly proportional to LED power, whereas increasing
the number of pulses by a factor of nPULSE results in only a
nominal √(nPULSE) increase in SNR.
When using the sample sum and average function (Register 0x15),
the output data rate decreases by the number of summed
samples. To maintain a static output data rate, increase the
sample frequency (Register 0x12) by the same factor as that
selected in Register 0x15. For example, for a 100 Hz output data
rate and a sample sum and average of four samples, set the
sample frequency to 400 Hz.
TIA ADC Mode
The device can be placed in TIA ADC mode, which ties the TIA
directly to the ADC, bypassing the analog ambient light
rejection block. TIA ADC mode provides a relative measure of
the amount of background light present at the input of the device.
This mode only measures dc light and does not measure the
light returned from the LED pulse. To enter TIA ADC mode,
write 0xB065 to Register 0x45 and write 0x0000 to the ADC
offset registers, Register 0x18 through Register 0x21. Increasing
light causes a decrease in the output values because the TIA is
an inverting stage. The data registers then read a relative
amount of dc light. On this device, use TIA ADC mode only as a
relative measurement. This test looks for devices that have a high
resistance between inputs due to solder flux because this
resistance manifests itself as an elevated dc current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com