Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 6 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 2Page - Microsemi Corporation PD69108/F Datasheet HTML 3Page - Microsemi Corporation PD69108/F Datasheet HTML 4Page - Microsemi Corporation PD69108/F Datasheet HTML 5Page - Microsemi Corporation PD69108/F Datasheet HTML 6Page - Microsemi Corporation PD69108/F Datasheet HTML 7Page - Microsemi Corporation PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
6
8 PORTS PSE POE MANAGER
TM
®
IEEE802.3 AT Mode Parameters
PA R A M ETER
C OND I T I ONS
M I N.
TY P.
M AX.
UNI T
Automatic recovery from
no-load shutdown
TUDLREC value, measured from port shutdown
point (can be modified through control port)
1
s
Cutoff timers accuracy
Typical accuracy of Tcut
2
ms
Inrush current
IInrsh
For t = 50 ms, Cload = 180 uF
max.
400
450
mA
Output current operating
range
Iport
Continuous operation after startup
period
10
600
mA
Output power available,
operating range
Pport
Continuous operation after startup
period at port output
0.57
36
W
Off mode current
Imin1
Must disconnect where T is greater
than TUVL
0
5
mA
Imin2
May or may not disconnect where
T is greater than TUVL
5
7.5
10
mA
PD power maintenance
request drop-out time limit
TPMDO
Buffer period to handle transitions
300
400
ms
Over-load current
detection range
Icut
Time limited to TOVL
600
775
mA
Over-load time limit
TOVL
50
75
ms
Turn on rise time
Trise
From 10% to 90% of Vport
(Specified for PD load consisting of 100 uF
capacitor in parallel to 200
Ω).
15
us
Turn off time
Toff
From Vport to 2.8 VDC
500
ms
Time maintain power
signature
TMPS
DC modulation time for DC
disconnect
49
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com