Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 5Page - Microsemi Corporation PD69108/F Datasheet HTML 6Page - Microsemi Corporation PD69108/F Datasheet HTML 7Page - Microsemi Corporation PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation PD69108/F Datasheet HTML 11Page - Microsemi Corporation PD69108/F Datasheet HTML 12Page - Microsemi Corporation PD69108/F Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
9
8 PORTS PSE POE MANAGER
TM
®
PIN
P I N NA M E
PIN TY PE
D ESC R I PTIO N
32
PORT_SENSE6
Analog Input
Sense resistor port input.
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
33
VPORT_NEG7
Analog I/O
Negative port output.
34
PORT_SENSE7
Analog Input
Sense resistor port input.
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
35
PG2
Digital Input
Power supply monitoring.
36
PG3
Digital Input
Power supply monitoring.
37
TST
Digital I/O
Test pin for production use only.
Keep connected to DGND.
38
RESET_N
Digital Input
Reset input; active low ('0' = reset)
An external 10K pull-up resistor should be connected between this
pin and DVDD.
39
MOSI
Digital Input
SPI bus, Master Data out/slave in
40
MISO
Digital Output SPI bus, Master Data in/slave out
41
SPI_CS
Digital Input
SPI bus, Chip Select
42
DVDD
Power
Digital 3.3 V input. It needs to be connected to filtering capacitor of
1 uF.
43
DGND
Digital I/O
Digital GND
44
SCK
Digital Input
SPI bus, Serial clock input
45
ADDR3
Digital Input
Address bus to set SPI address
46
ADDR2
Digital Input
Address bus to set SPI address
47
ADDR1
Digital Input
Address bus to set SPI address
48
ADDR0
Digital Input
Address bus to set SPI address
Address Pin Description (ADDR<3:0>)
ADDR3 ADDR2 ADDR1 ADDR0 SPI A DDRE S S [H EX ]
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
0
1
0
0
4
0
1
0
1
5
0
1
1
0
6
0
1
1
1
7
1
0
0
0
8
1
0
0
1
9
1
0
1
0
A
1
0
1
1
B
1
1
0
0
C
1
1
0
1
D
1
1
1
0
E – Broadcast
(See note)
1
1
1
1
F
'1' = DVDD (3.3 V)
'0' = DGND (digital ground)
Note: This address is used for Broadcast. Do not set any PD69108s in the system to this address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com