Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 3Page - Microsemi Corporation PD69108/F Datasheet HTML 4Page - Microsemi Corporation PD69108/F Datasheet HTML 5Page - Microsemi Corporation PD69108/F Datasheet HTML 6Page - Microsemi Corporation PD69108/F Datasheet HTML 7Page - Microsemi Corporation PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation PD69108/F Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
7
8 PORTS PSE POE MANAGER
TM
®
Package Pinout
25
26
27
28
29
30
AGND
PORT_SENSE3
VPORT_NEG3
PORT_SENSE4
VPORT_NEG4
PORT_SENSE5
VPORT_NEG6
1
2
3
4
5
6
7
8
Microsemi LOGO
MSC
PD69108/F
Date Code
PG0
PORT_SENSE6
PG1
PG2
PG3
32
33
PORT_SENSE2
VPORT_NEG2
9
10
12
VPORT_NEG0
PORT_SENSE0
PORT_SENSE7
VPORT_NEG7
VPORT_NEG1
PORT_SENSE1
11
31
VPORT_NEG5
AGND
35
36
34
N/C
N/C
PD69108 for -10
° to +85°C Operating Ambient Temperature Range
PD69108F for -40
° to +85°C Operating Ambient Temperature Range
Detailed Pinout Description
PIN
P I N NA M E
PIN TY PE
D ESC R I PTIO N
0
Exposed PAD
Analog Gnd
Exposed PAD: Metal plate on the IC bottom side connected to
analog ground.
A decent ground plane (about 500 mil inch over 500 mil inch) should
be deployed around this pin whenever possible
1
PG0
Digital Input
Power supply monitoring
2
PG1
Digital Input
Power supply monitoring
3
PORT_SENSE0
Analog Input
Sense resistor port input
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
4
VPORT_NEG0
Analog I/O
Negative port output
5
PORT_SENSE1
Analog Input
Sense resistor port input
(Connected to 0.36
Ω, 1% resistor to QGND with ~12 mΩ trace for
measurements accuracy).
6
VPORT_NEG1
Analog I/O
Negative port output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com