Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69108/F Datasheet(PDF) 11 Page - Microsemi Corporation

Part # PD69108/F
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108/F Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button PD69108/F Datasheet HTML 7Page - Microsemi Corporation PD69108/F Datasheet HTML 8Page - Microsemi Corporation PD69108/F Datasheet HTML 9Page - Microsemi Corporation PD69108/F Datasheet HTML 10Page - Microsemi Corporation PD69108/F Datasheet HTML 11Page - Microsemi Corporation PD69108/F Datasheet HTML 12Page - Microsemi Corporation PD69108/F Datasheet HTML 13Page - Microsemi Corporation PD69108/F Datasheet HTML 14Page - Microsemi Corporation PD69108/F Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
11
8 PORTS PSE POE MANAGER
TM
®
P A C K A G E D ESC R I PT I O N
48-Pin 8x8mm QFN
DI M
M IL L I M ET ER S
I NC HE S
M IN
M AX
M IN
M AX
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
A3
0.20 REF
0.008 REF
K
0.20 MIN
0.008 MIN
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
6.35
6.60
0.250
0.260
E2
6.35
6.60
0.250
0.260
D
8.00 BSC
0.315 BSC
E
8.00 BSC
0.315 BSC
Note:
Dimensions do not include protrusions; these do not exceed 0.155 mm
(.006”) on any side. Lead dimension do not include solder coverage.
e
b
D2
L
E2
K
D
E
A
A3
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com